Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX16836EVKIT Arkusz danych(PDF) 2 Page - Maxim Integrated Products

Numer części MAX16836EVKIT
Szczegółowy opis  MAX16836 Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16836EVKIT Arkusz danych(HTML) 2 Page - Maxim Integrated Products

  MAX16836EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX16836EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX16836EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX16836EVKIT Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX16836 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Recommended Equipment
Before beginning, the following equipment is needed:
• 0 to 30V or above, 0.5A power supply
Procedure
The MAX16836 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Connect a DC power supply (0 to 30V or above,
0.5A) to VIN.
2) Verify that a shunt is not installed across jumper
JU1 to enable U1.
3) Verify that a shunt is installed across pins 1-2 of
jumper JU2 to select 350mA output current.
4) Connect a 350mA-rated LED between LED+ and
LED-.
5) Turn on the power supply and increase the input
voltage to above 6.5V. The LED should glow with
full brightness. Measure the LED current, which
should be 350mA
±3.5%.
6) Increase the supply voltage and measure the LED
current, which should be 350mA
±3.5%. Note that
the maximum voltage drop between IN and OUT
should be ~7V to limit the maximum power dissipa-
tion to approximately 2.5W.
7) Measure the voltage across V5, which should be
5V
±4%.
Detailed Description of Hardware
The MAX16836 EV kit demonstrates a high-output-
current LED driver with accurate current control based
on the MAX16836 current regulator. The MAX16836 EV
kit is capable of supplying regulated output currents of
up to 350mA and runs at supply voltages between
6.5V to 40V. If the supply voltage is above the LED
operating voltage by more than 7V, the maximum out-
put current should be limited to prevent the device
from entering into thermal shutdown due to excessive
power dissipation.
The MAX16836 EV kit features PWM dimming to control
the LED brightness by varying the duty cycle of the
PWM input signal. Users can select between three lev-
els of output LED currents by setting jumper JU2 (see
Table 1 for jumper settings). The MAX16836 EV kit also
includes a connection for the 5V regulated output and
access to the on-board current-sense resistor.
Output Current Setting
The output current can be adjusted by replacing resis-
tors R2 or R3 with values calculated using the following
equation:
where RSENSE is the external current-sense resistance
between CS+ and GND, ILED is the desired output cur-
rent, and VSENSE is 200mV (typ).
PWM Dimming
The PWM dimming controls the LED brightness by
adjusting the duty cycle of the PWM input signal con-
nected to the DIM input. A high at the DIM input turns
on the output current and a low turns off the output cur-
rent. Connect a signal with peak amplitude between 5V
and 40V, frequency between 100Hz and 2kHz, and
vary the duty cycle to adjust the LED brightness. LED
brightness increases when duty cycle increases and
vice versa. Duty cycle can be as low as 10% even at a
PWM frequency of 2kHz.
5V Regulated Output
The 5V regulator can be used to power other compo-
nents from the V5 test point. The 5V output supplies up
to 4mA of current.
Jumper Selection
Two-pin jumper JU1 controls the EN pin of the
MAX16836 and enables or disables the device. Three-
pin jumper JU2 selects between three different output
current settings. Table 1 lists the jumper options.
RSENSE =
V
I
SENSE
LED
SHUNT POSITION AND FUNCTION
JUMPER
1-2 (installed)
2-3
Open
JU1
U1 disabled
U1 enabled*
JU2
350mA*
250mA
150mA
Table 1. Jumper JU1 and JU2 Functions
*
Default position.


Podobny numer części - MAX16836EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16836 MAXIM-MAX16836 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836ASA++ MAXIM-MAX16836ASA+ Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836ATE++ MAXIM-MAX16836ATE+ Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16836ATE++ MAXIM-MAX16836ATE+ Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
More results

Podobny opis - MAX16836EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com