Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1049MTC Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FIN1049MTC
Szczegółowy opis  LVDS Dual Line Driver with Dual Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1049MTC Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FIN1049MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 6Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 7Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 8Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 5: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 6: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same
direction.
Note 7: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 8: fMAX generator input conditions: tr = tf < 1ns (10% to 90%), 50% duty cycle, 0V to 3V. Output criteria: duty cycle = 45% / 55%, VOD > 250mV, all chan-
nels switch.
Note 9: fMAXT generator input conditions: tr = tf < 1ns (10% to 90%), 50% duty cycle, VID = 200mV, VCM = 1.2V. Output criteria: duty cycle = 45% / 55%, VOH
> 2.7V. V
OL < 0.25V, all channels switching.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 5)
Switching Characteristics - LVDS Outputs
tPLHD
Differential Propagation Delay LOW-to-HIGH
See Figures 3, 4
2.0
ns
tPHLD
Differential Propagation Delay HIGH-to-LOW
2.0
ns
tTLHD
Differential Output Rise Time (20% to 80%)
0.2
1.0
ns
tTHLD
Differential Output Fall Time (80% to 20%)
0.2
1.0
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.35
ns
tSK(LH),
Channel-to-Channel Skew (Note 6)
0.35
ns
tSK(HL)
tSK(PP)
Part-to-Part Skew (Note 7)
1.0
ns
tPZHD
Differential Output Enable Time from Z-to-HIGH
See Figures 5, 6
6.0
ns
tPZLD
Differential Output Enable Time from A-to-LOW
6.0
ns
tPHZD
Differential Output Disable Time from HIGH-to-Z
3.0
ns
tPLZD
Differential Output Disable Time from LOW-to-Z
3.0
ns
fMAXD
Maximum Frequency (Note 8)
See Figure 3
200
MHz
Switching Characteristics - LVTTL Outputs
tPHL
Propagation Delay HIGH-to-LOW
Measured from 20% to 80% signal
0.5
1.0
3.5
ns
tPLH
Propagation Delay LOW-to-HIGH
VID = 200mV;
0.5
1.0
3.5
ns
tSK1
Pulse Skew
Distributed Load
0.0
35.0
400
ps
tSK2
Channel-to-Channel Skew
CL = 15pF and 50Ω;
0.0
50.0
500
ps
tSK3
Part-to-Part Skew
RL = 1KΩ;
0.0
1.0
ns
tLHR
Transition Time LOW-to-HIGH
VOS = 1.2V;
0.1
0.25
1.4
ns
tHLR
Transition Time HIGH-to-LOW
See Figures 7, 8
0.1
0.18
1.4
ns
tPHZ
Disable Time HIGH-to-Z
See Figures 9, 10
2.2
4.5
8.0
ns
tPLZ
Disable Time LOW-to-Z
1.3
3.5
8.0
ns
tPZH
Enable Time Z-to-HIGH
1.8
3.0
7.0
ns
tPZL
Enable Time Z-to-LOW
0.9
1.4
7.0
ns
fMAXT
Maximum Frequency (Note 9)
See Figure 7
200
MHz


Podobny numer części - FIN1049MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
   LVDS Dual-Line Driver with Dual-Line Receiver
logo
ON Semiconductor
FIN1049MTCX ONSEMI-FIN1049MTCX Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
More results

Podobny opis - FIN1049MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
   LVDS Dual-Line Driver with Dual-Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com