Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317L Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części LM317L
Szczegółowy opis  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317L Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button LM317L Datasheet HTML 4Page - ON Semiconductor LM317L Datasheet HTML 5Page - ON Semiconductor LM317L Datasheet HTML 6Page - ON Semiconductor LM317L Datasheet HTML 7Page - ON Semiconductor LM317L Datasheet HTML 8Page - ON Semiconductor LM317L Datasheet HTML 9Page - ON Semiconductor LM317L Datasheet HTML 10Page - ON Semiconductor LM317L Datasheet HTML 11Page - ON Semiconductor LM317L Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LM317L
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 19. Adjustable Current Limiter
Figure 20. 5 V Electronic Shutdown Regulator
Figure 21. Slow Turn–On Regulator
Figure 22. Current Regulator
Vref
+25V
Vin
LM317L
Vout
R1
VO
1.25k
Adjust
IO
D2
1N914
1N5314
R2
500
* To provide current limiting of IO
to the system ground, the source of
the current limiting diode must be tied to
a negative voltage below – 7.25 V.
R2 ≥
Vref
R1 =
VSS*
D1
1N914
VO < POV + 1.25 V + VSS
ILmin – IP < IO < 100 mA – IP
As shown O < IO < 95 mA
+
10
µF
Vin
Vout
240
1N4002
LM317L
Adjust
MPS2907
R2
50k
Vin
D1
1N4002
Vout
120
Adjust
720
+
1.0
µF
MPS2222
1.0k
TTL
Control
LM317L
Minimum Vout = 1.25 V
D1 protects the device during an input short circuit.
LM317L
Vin
R1
R2
Adjust
IAdj
Iout
Ioutmax =
Vref
+ IAdj ^
5.0 mA < Iout < 100 mA
Vout
1.25 V
Ioutmax =
Vref
+ IAdj ^
1.25 V
IDSS
IOmax + IDSS
R1
R1 + R2
R1
R1 + R2


Podobny numer części - LM317L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Wing Shing Computer Com...
LM317L WINGS-LM317L Datasheet
68Kb / 1P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATOR IC
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results

Podobny opis - LM317L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com