Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS79SB17 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 1PS79SB17
Szczegółowy opis  4 V, 30 mA low Cd Schottky barrier diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS79SB17 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  1PS79SB17 Datasheet HTML 1Page - NXP Semiconductors 1PS79SB17 Datasheet HTML 2Page - NXP Semiconductors 1PS79SB17 Datasheet HTML 3Page - NXP Semiconductors 1PS79SB17 Datasheet HTML 4Page - NXP Semiconductors 1PS79SB17 Datasheet HTML 5Page - NXP Semiconductors 1PS79SB17 Datasheet HTML 6Page - NXP Semiconductors 1PS79SB17 Datasheet HTML 7Page - NXP Semiconductors 1PS79SB17 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9397 750 14587
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2005
5 of 8
Philips Semiconductors
1PSxSB17
4 V, 30 mA low Cd Schottky barrier diode
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 4.
Package outline SOD523 (SC-79)
Fig 5.
Package outline SOD323 (SC-76)
Fig 6.
Package outline SOT666
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
Table 9:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
4000
10000
1PS66SB17
SOT666
4 mm pitch, 8 mm tape and reel
-
-115
-
1PS76SB17
SOD323
4 mm pitch, 8 mm tape and reel
-115
-135
1PS79SB17
SOD523
4 mm pitch, 8 mm tape and reel
-115
-135


Podobny numer części - 1PS79SB17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS79SB17 NXP-1PS79SB17 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
More results

Podobny opis - 1PS79SB17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PSXSB17 PHILIPS-1PSXSB17_15 Datasheet
56Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
logo
Nexperia B.V. All right...
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
logo
ON Semiconductor
NSR02F30MXT5G ONSEMI-NSR02F30MXT5G Datasheet
104Kb / 4P
   200 mA, 30 V Schottky Barrier Diode
February, 2015 ??Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com