Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317MDT Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części LM317MDT
Szczegółowy opis  Three-Terminal Adjustable Output Positive Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MDT Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button LM317MDT Datasheet HTML 6Page - ON Semiconductor LM317MDT Datasheet HTML 7Page - ON Semiconductor LM317MDT Datasheet HTML 8Page - ON Semiconductor LM317MDT Datasheet HTML 9Page - ON Semiconductor LM317MDT Datasheet HTML 10Page - ON Semiconductor LM317MDT Datasheet HTML 11Page - ON Semiconductor LM317MDT Datasheet HTML 12Page - ON Semiconductor LM317MDT Datasheet HTML 13Page - ON Semiconductor LM317MDT Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM317M
http://onsemi.com
10
APPLICATIONS INFORMATION
Basic Circuit Operation
The LM317M is a three−terminal floating regulator. In
operation, the LM317M develops and maintains a nominal
1.25 V reference (Vref) between its output and adjustment
terminals. This reference voltage is converted to a
programming current (IPROG) by R1 (see Figure 19), and this
constant current flows through R2 to ground. The regulated
output voltage is given by:
Vout + Vref 1 )
R2
R1
) IAdj R2
Since the current from the terminal (IAdj) represents an
error term in the equation, the LM317M was designed to
control IAdj to less than 100
mA and keep it constant. To do
this, all quiescent operating current is returned to the output
terminal. This imposes the requirement for a minimum load
current. If the load current is less than this minimum, the
output voltage will rise.
Since the LM317M is a floating regulator, it is only the
voltage differential across the circuit which is important to
performance, and operation at high voltages with respect to
ground is possible.
+
Vref
Adjust
Vin
Vout
LM317M
R1
IPROG
Vout
R2
IAdj
Vref = 1.25 V Typical
Figure 19. Basic Circuit Configuration
Load Regulation
The LM317M is capable of providing extremely good
load regulation, but a few precautions are needed to obtain
maximum
performance.
For
best
performance,
the
programming resistor (R1) should be connected as close to
the regulator as possible to minimize line drops which
effectively appear in series with the reference, thereby
degrading regulation. The ground end of R2 can be returned
near the load ground to provide remote ground sensing and
improve load regulation.
External Capacitors
A 0.1
mF disc or 1.0 mF tantalum input bypass capacitor
(Cin) is recommended to reduce the sensitivity to input line
impedance.
The adjustment terminal may be bypassed to ground to
improve ripple rejection. This capacitor (CAdj) prevents
ripple from being amplified as the output voltage is
increased. A 10
mF capacitor should improve ripple
rejection about 15 dB at 120 Hz in a 10 V application.
Although the LM317M is stable with no output
capacitance, like any feedback circuit, certain values of
external capacitance can cause excessive ringing. An output
capacitance (CO) in the form of a 1.0
mF tantalum or 25 mF
aluminum electrolytic capacitor on the output swamps this
effect and insures stability.
Protection Diodes
When external capacitors are used with any IC regulator
it is sometimes necessary to add protection diodes to prevent
the capacitors from discharging through low current points
into the regulator.
Figure 20 shows the LM317M with the recommended
protection diodes for output voltages in excess of 25 V or
high capacitance values (CO > 25
mF, CAdj > 5.0 mF). Diode
D1 prevents CO from discharging thru the IC during an input
short circuit. Diode D2 protects against capacitor CAdj
discharging through the IC during an output short circuit.
The combination of diodes D1 and D2 prevents CAdj from
discharging through the IC during an input short circuit.
D1
Vin
Cin
1N4002
LM317M
Vout
R1
+
CO
D2
R2
CAdj
1N4002
Adjust
Vout
Figure 20. Voltage Regulator with
Protection Diodes


Podobny numer części - LM317MDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM317MDT NSC-LM317MDT Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM317MDT STMICROELECTRONICS-LM317MDT Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Fairchild Semiconductor
LM317MDT FAIRCHILD-LM317MDT Datasheet
224Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
logo
ON Semiconductor
LM317MDT ONSEMI-LM317MDT Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
National Semiconductor ...
LM317MDT NSC-LM317MDT Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
More results

Podobny opis - LM317MDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com