Zakładka z wyszukiwarką danych komponentów |
|
GS4982 Arkusz danych(PDF) 2 Page - Gennum Corporation |
|
GS4982 Arkusz danych(HTML) 2 Page - Gennum Corporation |
2 / 7 page 2 of 7 521 - 61 - 01 Supply Voltage 4.5 5.0 13.2 V Supply Current Outputs at Logic 1 - 6 10 mA Signal Level V CC = 5 V 0.5 - 4.0 V Nosync Recovery Current 23 30 40 µA Delay to Nosync Recovery 70 - 120 µs Sync Tip Clamp Voltage - 1.55 - V Source Impedance - - 200 Ω Color Burst Filter Attenuation at 3.58 MHz 12 15 - dB Sync Slice Level Input Amplitude 0.5 to 2.0 Vp-p 45 50 55 % Delay from Video T A = 25° C 150 200 250 ns Delay from Video T A = 0° C to 70° C -5 - +5 ns Temperature Stability Delay From rising edge of sync 400 525 650 ns Pulse Width 2.0 2.5 3.2 µs Pulse Width Serrations during vertical interval 197. 7 197. 7 197. 7 µs Delay from Video 340 420 510 ns Pulse Width 6.0 8.0 10.0 µs Probation Period 1.2 2.5 5 ms Lock Time - 8 - lines R SET Ref. Voltage 1.14 1.24 1.34 V V OH I OH = 40 µA 4.2 4.6 - V I OH = 1.6 mA 2.4 3.4 - V V OL I OL = -1.6 mA - 0.3 0.6 V ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE/UNITS Supply Voltage +13.5 V Operating Temperature Range 0°C ≤ T A ≤ 70°C Storage Temperature Range -65°C ≤ T S ≤ 150°C Lead Temperature (soldering, 10 seconds) 260°C CAUTION ELECTROSTATIC SENSITIVE DEVICES DO NOT OPEN PACKAGES OR HANDLE EXCEPT AT A STATIC-FREE WORKSTATION PARAMETER CONDITIONS MIN TYP MAX UNITS POWER SUPPLIES VIDEO INPUT ELECTRICAL CHARACTERISTICS V CC = 5 V, R SET = 227 k Ω, T A = 25° C, C L =15 pF unless otherwise specified. COMPOSITE SYNC OUTPUT (GS4882) BACK PORCH OUTPUT VERTICAL SYNC OUTPUT HORIZONTAL OUTPUT (GS4982) OUTPUT MUTE LOGIC OUTPUTS R SET REFERENCE |
Podobny numer części - GS4982 |
|
Podobny opis - GS4982 |