Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV230MF64 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części MTV230MF64
Szczegółowy opis  8051 Embedded LCD Monitor Controller with Flash OSD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MTV230MF64 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTV230MF64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
MYSON
TECHNOLOGY
MTV230M
(Rev 1.0)
Revision 1.0
- 7 -
2000/11/15
= 0
→ P4.2 is input pin.
P41oe = 1
→ P4.1 is output pin.
= 0
→ P4.1 is input pin.
P40oe = 1
→ P4.0 is output pin.
= 0
→ P4.0 is input pin.
P57oe = 1
→ P5.7 is output pin.
= 0
→ P5.7 is input pin.
P56oe = 1
→ P5.6 is output pin.
= 0
→ P5.6 is input pin.
P55oe = 1
→ P5.5 is output pin.
= 0
→ P5.5 is input pin.
P54oe = 1
→ P5.4 is output pin.
= 0
→ P5.4 is input pin.
P53oe = 1
→ P5.3 is output pin.
= 0
→ P5.3 is input pin.
P52oe = 1
→ P5.2 is output pin.
= 0
→ P5.2 is input pin.
P51oe = 1
→ P5.1 is output pin.
= 0
→ P5.1 is input pin.
P50oe = 1
→ P5.0 is output pin.
= 0
→ P5.0 is input pin.
OPTION (w) :
Chip option configuration (All are "0" in Chip Reset).
PWMF = 1
→ Selects 94KHz PWM frequency.
= 0
→ Selects 47KHz PWM frequency.
DIV253 = 1
→ PWM pulse width is 253 step resolution.
= 0
→ PWM pulse width is 256 step resolution.
SlvAbs1,SlvAbs0 : Slave IIC block A's slave address length.
= 1,0
→ 5-bits slave address.
= 0,1
→ 6-bits slave address.
= 0,0
→ 7-bits slave address.
ENSCL = 1
→ Enables slave IIC block to hold HSCL pin low while MTV230M is not able to
catch-up the speed of external master.
Msel
= 1
→ Master IIC block connects to HSCL/HSDA pins.
= 0
→ Master IIC block connecst to ISCL/ISDA pins.
MIICF1,MIICF0 = 1,1
→ Selects 400KHz Master IIC frequency.
= 1,0
→ Selects 200KHz Master IIC frequency.
= 0,1
→ Selects 50KHz Master IIC frequency.
= 0,0
→ Selects 100KHz Master IIC frequency.
4. I/O Ports
4.1 Port1
Port1 is a group of pseudo open drain pins. It can be use as general purpose I/O. The behavior Port is the
same as standard 8051.
4.2 P3.0-2, P3.4-5
If these pins are not set as IIC pins, Port3 can be used as general purpose I/O, interrupt, UART and Timer
pins. The behavior of Port3 is the same as standard 8051.
4.3 Port4, Port5 and Port6
Port4 and Port5 are used as general purpose I/O. S/W needs to set the corresponding P4(n)oe and P5(n)oe


Podobny numer części - MTV230MF64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
More results

Podobny opis - MTV230MF64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com