Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS18LV02565BIR55 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części CS18LV02565BIR55
Szczegółowy opis  HIGH SPEED SUPER LOW POWER SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565BIR55 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  CS18LV02565BIR55 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565BIR55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
2
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
GENERAL DESCRIPTION
The CS18LV02565 is a high performance, high speed and super low power CMOS Static Random
Access Memory organized as 32,768 words by 8bits and operates for a single 4.5 to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high speed, super low power features
and maximum access time of 55/70ns in 5.0V operation. Easy memory expansion is provided by an
active LOW chip enable (/CE) and active LOW output enable (/OE).
The CS18LV02565 has an automatic power down feature, reducing the power consumption
significantly when chip is deselected. The CS18LV02565 is available in JEDEC standard 28-pin TSOP I
(8x13.4 mm), SOP (330 mil) and PDIP (600 mil) packages.
FEATURES
Wide operation voltage : 4.5 ~ 5.5V
Ultra low power consumption : 2mA@1MHz (Max.) , Vcc=5.0V.
1.0 uA (Typ.) CMOS standby current
High speed access time : 55/70ns.
Automatic power down when chip is deselected.
Three state outputs and TTL compatible.
Data retention supply voltage as low as 1.5V.
Easy expansion with /CE and /OE options.
PRODUCT FAMILY
Product Family
Operating Temp.
Vcc Range
Speed (ns)
Standby Current(Typ.)
ICCSB1
Package Type
28 SOP
28 TSOP I
28 PDIP
0~70
oC
55/70
1.0 uA
(Vcc = 5.0V)
Dice
28 SOP
28 TSOP I
28 PDIP
CS18LV02565
-40~85
oC
4.5~5.5V
55/70
1.5 uA
(Vcc= 5.0V)
Dice


Podobny numer części - CS18LV02565BIR55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CC ETC1-CS18LV10245CC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CI ETC1-CS18LV10245CI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DC ETC1-CS18LV10245DC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DI ETC1-CS18LV10245DI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
More results

Podobny opis - CS18LV02565BIR55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com