Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-65179F0 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części BU-65179F0
Szczegółowy opis  MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

BU-65179F0 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  BU-65179F0 Datasheet HTML 1Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 2Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 3Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 7Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 8Page - List of Unclassifed Manufacturers BU-65179F0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Data Device Corporation
www.ddc-web.com
BU-65178/65179*/61688*/61689*
K-04/05-0
kohm
pF
Vp-p
Vpeak
5
0.860
10
2.5
0.20
0
V
V
V
6.0
7.0
Vcc+0.3
-0.3
-0.3
-0.3
ABSOLUTE MAXIMUM RATING
Supply Voltage
Logic +5 V
Transceiver +5 V (Note 12)
Logic
Voltage Input Range
TABLE 1. BU-65178/65179*/61588/61688*/61689*
SPECIFICATIONS
UNITS
MAX
TYP
MIN
PARAMETER
RECEIVER
Differential Input Resistance
(Notes 1-7)
Differential Input Capacitance
(Notes 1-7)
Threshold Voltage, Transformer
Coupled, Measured on Stub
Common Mode Voltage (Note 7)
Vp-p
Vp-p
Vp-p
mVp-p,
diff
mV
nsec
9
27
27
10
250
300
7
21
22
150
6
18
20
-250
100
TRANSMITTER
Differential Output Voltage
Direct Coupled Across 35
Ω,
Measured on Bus
Transformer Coupled Across
70
Ω, Measured on Bus:
• Standard Product = – XX0
• 1760 Amplitude Compliant
Product = – XX2
( Note 13 and Ordering
Information – Test Criteria)
Output Noise, Differential (Direct
Coupled)
Output Offset Voltage, Transformer
Coupled Across 70 ohms
Rise/Fall Time
V
V
µA
µA
µA
µA
µA
V
V
mA
mA
mA
mA
pF
pF
0.8
10
-84
-42
-100
-50
0.4
-6.4
-3.2
50
50
2.0
-10
-692
-346
-794
-397
2.4
6.4
3.2
LOGIC
VIH
VIL
IIH (Vcc = 5.5 V, VIN = Vcc)
IIH (Vcc = 5.5 V, VIN = 2.7 V)
SSFLAG/EXT_TRIG
All Other Inputs
IIL (Vcc = 5.5 V, VIN = 0.4 V)
SSFLAG/EXT_TRIG
All Other Inputs
VOH (Vcc = 4.5 V, VIH = 2.7 V,
VIL = 0.2 V, IOH = max)
VOL (Vcc = 4.5 V, VIH = 2.7 V,
VIL = 0.2 V, IOL = max)
IOL
DB15-DB0
A15-A0
MEMOE/ADDR_LAT
MEMWR/ZEROWAIT
DTREQ/16/8
DTACK/POLARITY_SEL
INT
READYD
IOEN
IOH
DB15-DB0
A15-A0
MEMOE/ADDR_LAT
MEMWR/ZEROWAIT
DTREQ/16/8
DTACK/POLARITY_SEL
INT
READYD
IOEN
CI (Input Capacitance)
CIO (Bi-directional signal input
capacitance)
TABLE 1. BU-65178/65179*/61588/61688*/61689*
SPECIFICATIONS (CONT.)
UNITS
MAX
TYP
MIN
PARAMETER
W
W
W
W
W
W
W
W
W
W
W
W
W
W
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
µs
µs
µs
µs
µs
µs
µs
µs
5.5
5.25
100
160
265
370
580
200
180
285
390
600
19.5
23.5
51.5
131
7
2.5
9.5
18.5
22.5
50.5
129.5
668
4.5
4.75
17.5
21.5
49.5
127
4
1553 MESSAGE TIMING
Completion of CPU Write (BC
Start)- to-Start of Next Message
BC Intermessage Gap (Note 8)
BC/RT/MT Response Timeout
(Note 9)
18.5 nominal
22.5 nominal
50.5 nominal
128.0 nominal
T Response Time (Note 11)
Transmitter Watchdog Timeout
0.115
0.64
0.93
1.22
1.81
0.230
0.64
0.93
1.22
1.80
0.18
0.42
0.66
1.14
0.5
0.88
1.11
1.33
1.97
1.0
0.99
1.22
1.45
1.90
0.28
0.51
0.75
1.22
POWER SUPPLY REQUIREMENTS
Voltages/Tolerances
BU-65178/61588X3
• +5 V (Logic)
• +5 V (Ch. A, Ch. B)
Current Drain (Total Hybrid)
BU-65178/65179/61588X0
• +5 V (Logic)
BU-65178/65179/61588X3
• +5 V (Logic, Ch. A, Ch. B)
• Idle
• 25% Transmitter Duty Cycle
• 50% Transmitter Duty Cycle
• 100% Transmitter Duty Cycle
BU-61688*/61689X0*
• +5 V (Logic)
BU-61688*/61689X3*
• +5 V (Logic, Ch. A, Ch. B)
• Idle
• 25% Transmitter Duty Cycle
• 50% Transmitter Duty Cycle
• 100% Transmitter Duty Cycle
5.0
5.0
23
116
222
328
540
46
116
217
318
519
POWER DISSIPATION
Total Hybrid
BU-65178/65179/61588X0
• +5 V (Logic)
BU-65178/61588/65179X3
• Idle
• 25% Duty Cycle
• 50% Duty Cycle
• 100% Duty Cycle
BU-61688*/61689X0*
• +5 V (Logic)
BU-61688*/61689X3*
• Idle
• 25% Duty Cycle
• 50% Duty Cycle
• 100% Duty Cycle
Hottest Die
BU-65178/61588X3/65179X3*/
BU-61688*/61689X3*
• Idle
• 25% Duty Cycle
• 50% Duty Cycle
• 100% Duty Cycle
* Mini-ACE PLUS with 64K Words of RAM. RAM impact to Power
Supply is based on Host Processor activity; subtract 140 mA if Host
is idle.


Podobny numer części - BU-65179F0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-651-0 ETC2-BU-651-0 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
BU-651-2 ETC2-BU-651-2 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
More results

Podobny opis - BU-65179F0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
logo
NXP Semiconductors
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
logo
Sanyo Semicon Device
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
   San Ace 120WS
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
logo
LIGITEK electronics co....
LG-CU3535HIRR-LSB LIGITEK-LG-CU3535HIRR-LSB Datasheet
514Kb / 15P
   ACE MOUNT LED TAPE AND REEL
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
   ACE (Digital WDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com