Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-61689P0 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części BU-61689P0
Szczegółowy opis  MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

BU-61689P0 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BU-61689P0 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 7Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 8Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 9Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 10Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 11Page - List of Unclassifed Manufacturers BU-61689P0 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Device Corporation
www.ddc-web.com
BU-65178/65179*/61688*/61689*
K-04/05-0
TRANSFORMERS
In selecting isolation transformers to be used with the Mini-ACE,
there is a limitation on the maximum amount of leakage induc-
tance. If this limit is exceeded, the transmitter rise and fall times
may increase, possibly causing the bus amplitude to fall below
the minimum level required by MIL-STD-1553. In addition, an
excessive leakage imbalance may result in a transformer dynam-
ic offset that exceeds 1553 specifications.
The maximum allowable leakage inductance is 6.0 µH, and
is measured as follows:
The
side
of
the
transformer
that
connects
to
the
Mini-ACE is defined as the “primary” winding. If one side of the
primary is shorted to the primary center-tap, the inductance
should be measured across the “secondary” (stub side) winding.
This inductance must be less than 6.0 µH. Similarly, if the other
side of the primary is shorted to the primary center-tap, the
inductance measured across the “secondary” (stub side) wind-
ing must also be less than 6.0 µH.
The difference between these two measurements is the
“differential” leakage inductance. This value must be less than
1.0 µH.
Beta Transformer Technology Corporation (BTTC), a subsidiary
of DDC, manufactures transformers in a variety of mechanical
configurations with the required turns ratios of 1:2.5 direct cou-
pled, and 1:1.79 transformer coupled. TABLE 3 provides a listing
of many of these transformers. For further information, contact
BTTC at 631-244-7393 or at www.bttc-beta.com.
DLP-7014
SLP-8007
SLP-8024
NOT RECOMMENDED
LPB-5015
TLP-1005
HLP-6015
Dual epoxy transformer, side by side, surface mount, 0.930" X 0.630", 0.155" max height
DLP-7115 (see note1)
Dual epoxy transformer, side by side, surface mount, 1.410" X 0.750", 0.130" max height
Single metal transformer, hermetically sealed, surface mount, 0.630" X 0.630", 0.175" max height
TLP-1105
HLP-6014
Dual epoxy transformer, side by side, flat pack, 0.930" X 0.630", 0.155" max height
Single metal transformer, hermetically sealed, flat pack, 0.630" X 0.630", 0.175" max height
TLP-1205
Dual epoxy transformer, side by side, through-hole, 0.930" X 0.630", 0.155" max height
TST-9027
Dual epoxy transformer, twin stacked, flat pack, 0.625" X 0.625", 0.280" max height
TST-9017
Dual epoxy transformer, twin stacked, surface mount, 0.625" X 0.625", 0.280" max height
TST-9007
Dual epoxy transformer, twin stacked, 0.625" X 0.625", 0.280" max height
B-3819
LPB-5014
Single epoxy transformer, surface mount, hi-temp solder, 0.625" X 0.625", 0.220" max height.
Single epoxy transformer, flat pack, 0.625" X 0.625", 0.150" max height
B-3227
Single epoxy transformer, surface mount, 0.625" X 0.625", 0.275" max height
B-3231
Single epoxy transformer, flat pack, 0.625" X 0.625", 0.275" max height
B-3818
B-3067
B-3226
Single epoxy transformer, through-hole, 0.625" X 0.625", 0.220" max height.
Single epoxy transformer, through-hole, 0.625" X 0.625", 0.250" max height
BTTC PART NO.
TRANSFORMER CONFIGURATION
Single epoxy transformer, surface mount, 0.625" X 0.625", 0.150" max height
B-3229
Single epoxy transformer, through hole, transformer coupled only, 0.500" X 0.350", 0.250" max height
TABLE 3. BTTC TRANSFORMERS FOR USE WITH MINI-ACE
Notes:
1. DLP-7115 operates to +85°C max. All other transformers listed operate to +130°C max.


Podobny numer części - BU-61689P0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-0 ETC2-BU-6161-M-39-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-2 ETC2-BU-6161-M-39-2 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6162-M-39-0 ETC2-BU-6162-M-39-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
More results

Podobny opis - BU-61689P0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
logo
NXP Semiconductors
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
logo
Sanyo Semicon Device
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
   San Ace 120WS
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
logo
LIGITEK electronics co....
LG-CU3535HIRR-LSB LIGITEK-LG-CU3535HIRR-LSB Datasheet
514Kb / 15P
   ACE MOUNT LED TAPE AND REEL
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
   ACE (Digital WDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com