Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100E210FN Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100E210FN
Szczegółowy opis  Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E210FN Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100E210FN Datasheet HTML 1Page - ON Semiconductor MC100E210FN Datasheet HTML 2Page - ON Semiconductor MC100E210FN Datasheet HTML 3Page - ON Semiconductor MC100E210FN Datasheet HTML 4Page - ON Semiconductor MC100E210FN Datasheet HTML 5Page - ON Semiconductor MC100E210FN Datasheet HTML 6Page - ON Semiconductor MC100E210FN Datasheet HTML 7Page - ON Semiconductor MC100E210FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 2
1
Publication Order Number:
MC100LVE210/D
MC100LVE210, MC100E210
Low Voltage Dual 1:4, 1:5
Differential Fanout Buffer
ECL/PECL Compatible
The MC100LVE210 is a low voltage, low skew dual differential
ECL fanout buffer designed with clock distribution in mind. The
device features two fanout buffers, a 1:4 and a 1:5 buffer, on a single
chip. The device features fully differential clock paths to minimize
both device and system skew. The dual buffer allows for the fanout of
two signals through a single chip, thus reducing the skew between the
two fundamental signals from a part–to–part skew down to an
output–to–output skew. This capability reduces the skew by a factor of
4 as compared to using two LVE111’s to accomplish the same task.
The MC100LVE210 works from a –3.3V supply while the
MC100E210 provides identical function and performance from a
standard –4.5V 100E voltage supply.
For applications which require a single–ended input, the VBB
reference voltage is supplied. For single–ended input applications the
VBB reference should be connected to the unused CLK input of a
differential pair and bypassed to ground via a 0.01
µf capacitor. The
input signal is then driven into the selected CLK input.
To ensure that the tight skew specification is met it is necessary that
both sides of the differential output are identically terminated, even if
only one side is being used. In most applications all nine differential
pairs will be used and therefore terminated. In the case where fewer
than nine pairs are used it is necessary to terminate at least the output
pairs adjacent to the output pair being used in order to maintain
minimum skew. Failure to follow this guideline will result in small
degradations of propagation delay (on the order of 10–20ps) of the
outputs being used, while not catastrophic to most designs this will
result in an increase in skew. Note that the package corners isolate
outputs from one another such that the guideline expressed above
holds only for outputs on the same side of the package.
The MC100LVE210, as with most ECL devices, can be operated
from a positive VCC supply in PECL mode. This allows the LVE210 to
be used for high performance clock distribution in +3.3V systems.
Designers can take advantage of the LVE210’s performance to
distribute low skew clocks across the backplane or the board. In a
PECL environment series or Thevenin line terminations are typically
used as they require no additional power supplies, if parallel
termination is desired a terminating voltage of VCC–2.0V will need to
be provided. For more information on using PECL, designers should
refer to Application Note AN1406/D.
Dual Differential Fanout Buffers
200ps Part–to–Part Skew
50ps Typical Output–to–Output Skew
Low Voltage ECL/PECL Compatible
28–lead PLCC Packaging
PLCC PACKAGE
FN SUFFIX
CASE 776
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC100LVE210FN
PLCC
37 Units / Rail
MARKING DIAGRAM*
MC100LVE210FNR2
PLCC
500 Tape & Reel
*For additional information, see Application Note
AND8002/D
MC100E210FN
AWLYYWW
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
MC100E210FN
PLCC
37 Units / Rail
MC100E210FNR2
PLCC
500 Tape & Reel
MC100LVE210
AWLYYWW
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week


Podobny numer części - MC100E210FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E210FN ONSEMI-MC100E210FN Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100E210FNR2 ONSEMI-MC100E210FNR2 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
More results

Podobny opis - MC100E210FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
   Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11 Datasheet
83Kb / 3P
   Low Voltage 1:2 Differential Fanout Buffer
1996 Rev 0
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
logo
Integrated Circuit Syst...
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com