Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100E210FN Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC100E210FN
Szczegółowy opis  Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E210FN Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC100E210FN Datasheet HTML 1Page - ON Semiconductor MC100E210FN Datasheet HTML 2Page - ON Semiconductor MC100E210FN Datasheet HTML 3Page - ON Semiconductor MC100E210FN Datasheet HTML 4Page - ON Semiconductor MC100E210FN Datasheet HTML 5Page - ON Semiconductor MC100E210FN Datasheet HTML 6Page - ON Semiconductor MC100E210FN Datasheet HTML 7Page - ON Semiconductor MC100E210FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100LVE210, MC100E210
http://onsemi.com
4
MC100E210
ECL DC CHARACTERISTICS
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
–1.085
–1.005
–0.880
–1.025
–0.955
–0.880
–1.025
–0.955
–0.880
–1.025
–0.955
–0.880
V
VOL
Output LOW Voltage
–1.830
–1.695
–1.555
–1.810
–1.705
–1.620
–1.810
–1.705
–1.620
–1.810
–1.705
–1.620
V
VIH
Input HIGH Voltage
–1.165
–0.880
–1.165
–0.880
–1.165
–0.880
–1.165
–0.880
V
VIL
Input LOW Voltage
–1.810
–1.475
–1.810
–1.475
–1.810
–1.475
–1.810
–1.475
V
VBB
Output Reference
Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
VEE
Power Supply Voltage
–5.25
–4.2
–5.25
–4.2
–5.25
–4.2
–5.25
–4.2
V
IIH
Input HIGH Current
150
150
150
150
µA
IEE
Power Supply Current
55
55
55
65
mA
MC100E210
PECL DC CHARACTERISTICS
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1
3.915
3.995
4.12
3.975
4.045
4.12
3.975
4.045
4.12
3.975
4.045
4.12
V
VOL
Output LOW Voltage1
3.170
3.305
3.445
3.19
3.295
3.38
3.19
3.295
3.38
3.19
3.295
3.38
V
VIH
Input HIGH Voltage1
3.835
4.12
3.835
4.12
3.835
4.12
3.835
4.12
V
VIL
Input LOW Voltage1
3.190
3.525
3.190
3.525
3.190
3.525
3.190
3.525
V
VBB
Output Reference
Voltage1
3.62
3.74
3.62
3.74
3.62
3.74
3.62
3.74
V
VCC
Power Supply Voltage
4.75
5.25
4.75
5.25
4.75
5.25
4.75
5.25
V
IIH
Input HIGH Current
150
150
150
150
µA
IEE
Power Supply Current
55
55
55
65
mA
1. These values are for VCC = 5.0V. Level Specifications will vary 1:1 with VCC.
MC100E210
AC CHARACTERISTICS (VEE = VEE (min) to VEE (max); VCC = VCCO = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH
tPHL
Propagation Delay to Output
IN (differential)
IN (single–ended)
475
400
675
700
475
400
675
700
500
450
700
750
500
450
700
750
ps
Note 1
Note 2
tskew
Within–Device SkewQa
Qb
Qa
Qa,Qb
Qb
Part–to–Part Skew (Diff)
50
50
75
75
200
50
30
75
50
200
50
30
75
50
200
50
30
75
50
200
ps
Note 3
VPP
Minimum Input Swing
500
500
500
500
mV
Note 4
VCMR
Common Mode Range
–1.5
–0.4
–1.5
–0.4
–1.5
–0.4
–1.5
–0.4
V
Note 5
tr/tf
Output Rise/Fall Time
200
600
200
600
200
600
200
600
ps
20%–80%
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
2. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
3. The within–device skew is defined as the worst case difference between any two similar delay paths within a single device.
4. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the E210 as a differential input as low as 50 mV will still produce full ECL levels at the output.
5. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL
level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).


Podobny numer części - MC100E210FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E210FN ONSEMI-MC100E210FN Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100E210FNR2 ONSEMI-MC100E210FNR2 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
More results

Podobny opis - MC100E210FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
   Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11 Datasheet
83Kb / 3P
   Low Voltage 1:2 Differential Fanout Buffer
1996 Rev 0
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
logo
Integrated Circuit Syst...
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com