Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


HH15N100G500CT Datasheet(Arkusz danych) 4 Page - WALSIN TECHNOLOGY CORPORATION

Numer części HH15N100G500CT
Szczegółowy opis  High Q and low ESR performance at high frequency
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo 

 
 4 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 4 of 11
ASC_ HQ_Low ESR_(HH)_006V_AS
Dec. 2018
8. CAPACITANCE RANGE
DIELECTRIC
NP0
SIZE
0201
0402
0603
0805
Rated Voltage
10
16
25
50
16
25
50
100
16
25
50
100
200
50
100 200
250 500 630
0.1pF (0R1)
N
N
N
N
0.2pF (0R2)
N
N
N
N
0.3pF (0R3)
L
L
L
L
N
N
N
N
0.4pF (0R4)
L
L
L
L
N
N
N
N
0.5pF (0R5)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
0.6pF (0R6)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
0.7pF (0R7)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
0.8pF (0R8)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
0.9pF (0R9)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
1.0pF (1R0)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
1.2pF (1R2)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
1.5pF (1R5)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
1.8pF (1R8)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
2.2pF (2R2)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
2.7pF (2R7)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
3.3pF (3R3)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
3.9pF (3R9)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
4.7pF (4R7)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
5.6pF (5R6)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
6.8pF (6R8)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
8.2pF (8R2)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
10pF (100)
L
L
L
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
B
12pF (120)
L
L
L
L
N
N
N
N
S
S
S
S
B
B
B
B
B
B
15pF (150)
L
L
L
L
N
N
N
N
S
S
S
S
B
B
B
B
B
B
18pF (180)
L
L
L
L
N
N
N
N
S
S
S
S
B
B
B
B
B
B
22pF (220)
L
L
L
L
N
N
N
N
S
S
S
S
B
B
B
B
B
B
27pF (270)
L
L
L
L
N
N
N
N
S
S
S
S
B
B
B
B
B
B
33pF (330)
L
L
L
L
N
N
N
N
S
S
S
S
B
B
B
B
B
B
39pF (390)
N
N
N
N
S
S
S
S
B
B
B
B
B
B
47pF (470)
N
N
N
N
S
S
S
S
B
B
B
B
B
B
56pF (560)
N
N
N
N
S
S
S
S
B
B
B
B
B
B
68pF (680)
N
N
N
N
S
S
S
S
B
B
B
B
B
B
82pF (820)
N
N
N
N
S
S
S
S
B
B
B
B
B
B
100pF (101)
N
N
N
N
S
S
S
S
B
B
B
B
B
B
120pF (121)
N
N
N
N
S
S
S
S
D
D
D
D
D
D
150pF (151)
N
N
N
N
S
S
S
S
D
D
D
D
D
D
180pF (181)
N
N
N
N
S
S
S
S
D
D
D
D
220pF (221)
N
N
N
N
S
S
S
S
D
D
D
D
270pF (271)
N
N
N
S
S
S
S
D
D
D
D
330pF (331)
N
N
N
S
S
S
S
D
D
D
D
390pF (391)
N
N
N
S
S
S
S
D
D
D
D
470pF (471)
N
N
N
S
S
S
S
560pF (561)
S
S
S
S
680pF (681)
S
S
S
S
820pF (821)
S
S
S
S
1,000pF (102)
S
S
S
S
1,200pF (122)
X
X
X
1,500pF (152)
X
X
X
1,800pF (182)
X
X
X
2,200pF (222)
X
X
X
2,700pF (272)
X
X
X
3,300pF (332)
X
X
X
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl