Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HH15N100G500CT Arkusz danych(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Numer części HH15N100G500CT
Szczegółowy opis  High Q and low ESR performance at high frequency
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

HH15N100G500CT Arkusz danych(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button HH15N100G500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 7 of 11
ASC_ HQ_Low ESR_(HH)_006V_AS
Dec. 2018
10. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
Item
Test Conditions
Requirements
1. Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2. Capacitance
Cap
≤1000pF, 1.0±0.2Vrms, 1MHz±10%
Cap>1000pF, 1.0±0.2Vrms, 1KHz±10%
At 25°C ambient temperature.
* Shall not exceed the limits given in the detailed spec.
3. Q/ D.F.
(Dissipation
Factor)
* NP0: Cap
≥30pF, Q≥1000; Cap<30pF, Q≥400+20C
4. Dielectric
Strength
* To apply voltage: (
≤100V ) 250% of rated voltage.
* Duration: 1 to 5 sec.
* Charge and discharge current less than 50mA.
* No evidence of damage or flash over during test.
* To apply voltage:
200V~300V
≥2 times VDC
500V~999V
≥1.5 times VDC
* Cut-off, set at 10mA
* TEST= 15 sec.
* RAMP=0
5. Insulation
Resistance
Rated voltage:<200V
To apply rated voltage for max. 120 sec.
≥10G
Rated voltage:200~630V
To apply rated voltage (500V max.) for 60 sec.
≥10G or RxC≥100 -F whichever is smaller
6. Temperature
Coefficient
With no electrical load.
Operating temperature: -55~125°C at 25°C
* Capacitance change: within ±30ppm/°C
7. Adhesive
Strength of
Termination
* Pressurizing force:
2N (0201) and 5N (
≤0603) and 10N (>0603)
* Test time: 10±1 sec.
* No remarkable damage or removal of the terminations.
8. Vibration
Resistance
* Vibration frequency: 10~55 Hz/min.
* Total amplitude: 1.5mm
* Test time: 6 hrs. (Two hrs each in three mutually
perpendicular directions.)
* Cap./DF(Q) Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change and Q/D.F.: To meet initial spec.
9. Solderability
* Solder temperature: 235±5°C
* Dipping time: 2±0.5 sec.
95% min. coverage of all metalized area.
10. Bending Test
* The middle part of substrate shall be pressurized by means
of the pressurizing rod at a rate of about 1 mm per second until
the deflection becomes 1 mm and then the pressure shall be
maintained for 5±1 sec.
* Measurement to be made after keeping at room temp. for
24±2 hrs.
* No remarkable damage.
* Cap change: within ±5.0% or ±0.5pF whichever is larger.
(This capacitance change means the change of capacitance under
specified flexure of substrate from the capacitance measured before
the test.)
11. Resistance to
Soldering Heat
* Solder temperature: 260±5°C
* Dipping time: 10±1 sec
* Preheating: 120 to 150°C for 1 minute before imme rse the
capacitor in a eutectic solder.
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: within ±2.5% or ±0.25pF whichever is larger.
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
* 25% max. leaching on each edge.


Podobny numer części - HH15N100G500CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HH17-101 ETC2-HH17-101 Datasheet
228Kb / 3P
   Hollow Shaft, NEMA 17 High Torque Step Motor
HH17-103 ETC2-HH17-103 Datasheet
224Kb / 3P
   Hollow Shaft, NEMA 17 High Torque Step Motor
logo
Hammond Manufacturing L...
HH1TRR36U30BK HAMMOND-HH1TRR36U30BK Datasheet
335Kb / 3P
   Swing-Out Wall Mount and Floor Rack Cabinet
5/1/22
More results

Podobny opis - HH15N100G500CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
logo
WALSIN TECHNOLOGY CORPO...
RF15N100J500CT WALSIN-RF15N100J500CT Datasheet
3Mb / 16P
   High Q and low ESR performance at high frequency
RT15N101J250CT WALSIN-RT15N101J250CT Datasheet
3Mb / 11P
   High Q and low ESR performance at high frequency
RH21G100J251CT WALSIN-RH21G100J251CT Datasheet
3Mb / 12P
   High Q and low ESR performance at high frequency
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Illinois Capacitor, Inc...
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
MPW ILLINOISCAPACITOR-MPW Datasheet
190Kb / 2P
   Low ESR - High AC/Ripple Current - Stable with frequency and
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com