Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


HH15N100G500CT Datasheet(Arkusz danych) 8 Page - WALSIN TECHNOLOGY CORPORATION

Numer części HH15N100G500CT
Szczegółowy opis  High Q and low ESR performance at high frequency
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo 

 
 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 11
ASC_ HQ_Low ESR_(HH)_006V_AS
Dec. 2018
No.
Item
Test Condition
Requirements
12. Temperature
Cycle
* Conduct the five cycles according to the temperatures and
time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:within ±2.5% or ±0.25pF whichever is larger.
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
13. Humidity
(Damp Heat)
Steady State
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: within ±5.0% or ±0.5pF whichever is larger.
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥350; 10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF; Q
≥200+10C
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.
14. Humidity
(Damp Heat)
Load
* Test temp.: 40±2°C
* Humidity: 90~95%RH
* Test time: 500+24/-0 hrs.
* To apply voltage:rated voltage (Max. 500V)
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: within ±7.5% or ±0.75pF whichever is larger.
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥200; Cap<30pF, Q≥100+10/3C
* I.R.:
≥500M or RxC≥25 -F whichever is smaller.
15. High
Temperature
Load
(Endurance)
* Test temp.:
NP0: 125±3°C
* To apply voltage:
(1) <500V: 200% of rated voltage.
(2) 500V: 150% of rated voltage.
(3)
≥630V: 120% of rated voltage.
* Test time: 1000+24/-0 hrs.
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: within ±3.0% or ±0.3pF whichever is larger.
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥350
10pF
≤Cap<30pF, Q≥275+2.5C
Cap<10pF, Q
≥200+10C
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl