Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MG31B104K500CT Arkusz danych(PDF) 11 Page - WALSIN TECHNOLOGY CORPORATION

Numer części MG31B104K500CT
Szczegółowy opis  High capacitance in given case size
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MG31B104K500CT Arkusz danych(HTML) 11 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MG31B104K500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION MG31B104K500CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 11 of 22
ASC_ Automotive Cap_(MG)_016N_AS
May. 2019
X7R Dielectric 0805, 1206 Size
DIELECTRIC
X7R
SIZE
0805
1206
RATED VOLTAGE (VDC)
10
16
25
50
100
200
250
500
630
10
16
25
50
100
200
250
500
630
100pF (101)
B
B
B
B
B
B
B
B
B
D
D
D
D
120pF (121)
B
B
B
B
B
B
B
B
B
D
D
D
D
150pF (151)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
180pF (181)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
220pF (221)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
270pF (271)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
330pF (331)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
390pF (391)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
470pF (471)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
560pF (561)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
680pF (681)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
820pF (821)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
1,000pF (102)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
1,200pF (122)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
1,500pF (152)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
1,800pF (182)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
2,200pF (222)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
2,700pF (272)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
3,300pF (332)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
3,900pF (392)
B
B
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
4,700pF (472)
B
B
B
B
B
B
B
D
D
B
B
B
B
B
D
D
D
D
5,600pF (562)
B
B
B
B
B
B
B
D
D
B
B
B
B
B
D
D
D
D
6,800pF (682)
B
B
B
B
B
B
B
D
D
B
B
B
B
B
D
D
D
D
8,200pF (822)
B
B
B
B
B
B
B
D
D
B
B
B
B
B
D
D
D
D
0.010
µF (103) B
B
B
B
B
D
D
D
D
B
B
B
B
B
D
D
D
D
0.012
µF (123) B
B
B
B
B
D
D
B
B
B
B
B
D
D
0.015
µF (153) B
B
B
B
B
D
D
B
B
B
B
B
D
D
0.018
µF (183) B
B
B
B
B
D
D
B
B
B
B
B
D
D
0.022
µF (223) B
B
B
B
B
D
D
B
B
B
B
B
D
D
0.027
µF (273) B
B
B
B
D
B
B
B
B
B
D
D
0.033
µF (333) B
B
B
B
D
B
B
B
B
B
G
G
0.039
µF (393) B
B
B
B
D
B
B
B
B
B
G
G
0.047
µF (473) B
B
B
B
D
B
B
B
B
B
G
G
0.056
µF (563) B
B
B
B
D
B
B
B
B
B
G
G
0.068
µF (683) B
B
B
B
D
B
B
B
B
B
G
G
0.082
µF (823) B
B
B
B
D
B
B
B
B
D
G
G
0.10
µF (104) B
B
B
B
D
B
B
B
B
D
G
G
0.12
µF (124) B
B
B
D
B
B
B
B
D
0.15
µF (154) D
D
D
D
C
C
C
C
G
0.18
µF (184) D
D
D
D
C
C
C
C
G
0.22
µF (224) D
D
D
D
C
C
C
C
G
0.27
µF (274) D
D
D
C
C
C
D
0.33
µF (334) D
D
D
C
C
C
D
0.39
µF (394) D
D
D
C
C
J
P
0.47
µF (474) D
D
D
J
J
J
P
0.56
µF (564) D
D
D
J
J
J
P
0.68
µF (684) D
D
D
J
J
J
P
0.82
µF (824) D
D
D
J
J
J
P
1.0
µF (105) D
D
D
J
J
J
P
1.5
µF (155)
J
J
P
2.2
µF (225)
J
J
P
4.7
µF (475)
10
µF (106)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.


Podobny numer części - MG31B104K500CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Electronics
MG31 MICRO-ELECTRONICS-MG31 Datasheet
47Kb / 1P
   GREEN LED LAMPS
MG31C MICRO-ELECTRONICS-MG31C Datasheet
47Kb / 1P
   GREEN LED LAMPS
MG31D MICRO-ELECTRONICS-MG31D Datasheet
47Kb / 1P
   GREEN LED LAMPS
MG31T MICRO-ELECTRONICS-MG31T Datasheet
47Kb / 1P
   GREEN LED LAMPS
MG31W MICRO-ELECTRONICS-MG31W Datasheet
47Kb / 1P
   GREEN LED LAMPS
More results

Podobny opis - MG31B104K500CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
OP31B102K201CT WALSIN-OP31B102K201CT Datasheet
2Mb / 10P
   High voltage in a given case size
1808N100J202CT WALSIN-1808N100J202CT Datasheet
3Mb / 13P
   High voltage in a given case size
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com