Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RFLPF3225200Q5T Arkusz danych(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Numer części RFLPF3225200Q5T
Szczegółowy opis  5 ~ 1002 MHz RF Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFLPF3225200Q5T Arkusz danych(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFLPF3225200Q5T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_RFLPF3225200Q5T_V02
Jul. 2018
ELECTRICAL CHARACTERISTICS
RFLPF3225200Q5T
Specification
Frequency range
5 ~ 1002 MHz
Insertion Loss
1.8 dB max. at 25℃
2.05 dB max. at -40~+85℃
Attenuation
33 dB min. @ 1125~1400 MHz
26 dB min. @ 1400~1675 MHz
VSWR
2.0 max.
Impedance
75 Ω
Power Capacity
1 W max.
Moisture sensitivity levels
LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Operating & Storage Condition (Component)
Operation Temperature Range: -40 ~ +85 ℃
Storage Temperature Range: -40 ~ +85 ℃
Storage Condition before Soldering (Included packaging material)
Storage Temperature Range: +5 ~ +40 ℃
Humidity: 30 to 70% relative humidity
Typical Electrical Chart
LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 75 Ω characteristic impedance, depending on PCB material and thickness.
Both of impedance 50Ω and 75Ω are the same land pattern.


Podobny numer części - RFLPF3225200Q5T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WALSIN TECHNOLOGY CORPO...
RFLPF3225100Q07B1U WALSIN-RFLPF3225100Q07B1U Datasheet
609Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q0T WALSIN-RFLPF3225100Q0T Datasheet
561Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q2T WALSIN-RFLPF3225100Q2T Datasheet
645Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q7T WALSIN-RFLPF3225100Q7T Datasheet
588Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225101Q07B1U WALSIN-RFLPF3225101Q07B1U Datasheet
609Kb / 7P
   5 ~ 1002 MHz RF Application
More results

Podobny opis - RFLPF3225200Q5T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WALSIN TECHNOLOGY CORPO...
RFLPF3225100Q07B1U WALSIN-RFLPF3225100Q07B1U Datasheet
609Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q7T WALSIN-RFLPF3225100Q7T Datasheet
588Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q2T WALSIN-RFLPF3225100Q2T Datasheet
645Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q0T WALSIN-RFLPF3225100Q0T Datasheet
561Kb / 7P
   5 ~ 1002 MHz RF Application
logo
Pulse A Technitrol Comp...
CX5060 PULSE-CX5060 Datasheet
485Kb / 1P
   FILTER, 5-1002 MHz
C6132NL PULSE-C6132NL Datasheet
56Kb / 2P
   Diplexer 5-1002/1125-1525 MHz
C6329NL PULSE-C6329NL Datasheet
95Kb / 2P
   Diplexer 5-42/88-1002 MHz
logo
M/A-COM Technology Solu...
MAFL-008290-CD0AC0 MA-COM-MAFL-008290-CD0AC0 Datasheet
72Kb / 3P
   CATV Diplex Filter 5 - 1002 / 1125 - 1550 MHz
logo
Pulse A Technitrol Comp...
CX6187NL PULSE-CX6187NL Datasheet
422Kb / 2P
   Diplexer 8-14/46-1002 MHz
logo
M/A-COM Technology Solu...
AN-4005 MA-COM-AN-4005 Datasheet
4Mb / 2P
   MAFL-009272 Improved rejection circuit 5 - 1002 / 1125 - 1550 MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com