Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT15N101J250CT Arkusz danych(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Numer części RT15N101J250CT
Szczegółowy opis  High Q and low ESR performance at high frequency
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RT15N101J250CT Arkusz danych(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RT15N101J250CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RT15N101J250CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 6 of 11
ASC_Microwave_AECQ200_(RT)
May. 2019
9. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
AEC-Q200
Test Item
AEC-Q200 Test Condition
Requirements
1. Pre-and
Post-Stress
Electrical Test
---
2. High Temperature
Exposure (Storage)
MIL-STD-202
Method 108
* Test temp.: 150±3°C
* Unpowered.
* Test time: 1000+24/-0 hrs.
* Measurement to be made after keeping at room
temp. for 24±2 hrs.
* No remarkable damage.
* Cap change:NPO: within ±2.5% or ±0.25pF whichever is larger.
* Q. value: NPO: Cap
≥30pF, Q≥1000 ; Cap<30pF, Q≥400+20C.
* I.R.:
≥10G or RxC≥500 -F whichever is smaller.
3. Temperature
Cycling
JESD22
Method JA-104
* Conduct 1000 cycles according to the temperatures
and time.
Step
Temp. (°C)
Time (min.)
1
-55°C +0/-3
5±1
2
+125°C +3/-0
5±1
*Measurement to be made after keeping at room
temp. for 24±2 hrs.
* No remarkable damage.
* Cap change:NPO: within ±2.5% or 0.25pF whichever is larger.
* Q. value: NPO: Cap
≥30pF, Q≥1000 ; Cap<30pF, Q≥400+20C.
* I.R.:
≥10G or RxC≥500 -F whichever is smaller.
4. Destructive
Physical Analysis
EIA-469
Per EIA-469
No defects or abnormalities
5. Moisture
Resistance
MIL-STD-202
Method 106
* Test temp.: 25~65°C
* Humidity: 80~100% RH
* Test time: 10 cycles, t=24hrs/cycle.
* Measurement to be made after keeping at room
temp. for 24±2 hrs.
* No remarkable damage.
* Cap change : NPO: within ±3.0% or 0.30pF whichever is larger
* Q. value: NPO: More than 30pF Q
≥350 ; 10pF≤C≤30pF, Q≥275+2.5C
Less than 10pF Q
≥200+10C
* I.R.:
≥10G or RxC≥500 -F whichever is smaller.
6. Biased Humidity
MIL-STD-202
Method 103
* Test temp.: 85±3°C
* Humidity: 85%RH
* Test time: 1000+24/-0 hrs.
* To apply voltage:rated voltage and 1.3~1.5Vdc.
(add 100k ohm resistor)
* Measurement to be made after keeping at room
temp. for 24±2 hrs.
* No remarkable damage.
* Cap change: NPO: within ±3.0% or 0.30pF whichever is larger.
* Q. value: NPO: C
≥30pF , Q≥200 ; C<30pF , Q≥100+10/3C
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.
7. Operational Life
MIL-STD-202
Method 108
* Test temp.: 125±3°C
* To apply voltage: full rated voltage.
* Test time: 1000+24/-0 hrs.
* Measurement to be made after keeping at room
temp. for 24±2 hrs.
* No remarkable damage.
* Cap change: NPO: within ±3.0% or ±0.3pF whichever is larger
* Q. value: NPO: More than 30pF, Q
≥350 ; 10pF
≤C<30pF, Q≥275+2.5C
Less than 10pF, Q
≥200+10C
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.
8. External Visual
MIL-STD-883
Method 2009
Visual inspection
No remarkable defect.
9. Physical
Dimension
JESD22
Method JB-100
Using by calipers
Within the specified dimensions


Podobny numer części - RT15N101J250CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Adam Technologies, Inc.
RT15 ADAM-TECH-RT15 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT15 ADAM-TECH-RT15 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
logo
CTS Corporation
RT1500B7 CTS-RT1500B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1500B7TR13 CTS-RT1500B7TR13 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1500B7TR7 CTS-RT1500B7TR7 Datasheet
70Kb / 2P
   Configuration Selector Guide
More results

Podobny opis - RT15N101J250CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
logo
WALSIN TECHNOLOGY CORPO...
RF15N100J500CT WALSIN-RF15N100J500CT Datasheet
3Mb / 16P
   High Q and low ESR performance at high frequency
HH15N100G500CT WALSIN-HH15N100G500CT Datasheet
3Mb / 11P
   High Q and low ESR performance at high frequency
RH21G100J251CT WALSIN-RH21G100J251CT Datasheet
3Mb / 12P
   High Q and low ESR performance at high frequency
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Illinois Capacitor, Inc...
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
MPW ILLINOISCAPACITOR-MPW Datasheet
190Kb / 2P
   Low ESR - High AC/Ripple Current - Stable with frequency and
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com