Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKD25-16 Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części SKD25-16
Szczegółowy opis  Three Phases Bridge Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SKD25-16 Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  SKD25-16 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SKD25-16 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
SKD25-16
Three Phases Bridge Module
FEATURES
·
The chips are electrically insulated from bosom plate
·
High surge current
·
Low forward voltage drop
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Three phase rectifiers for power supplies
·
Rectifiers for DC motor field supplies
·
Battery charger rectifiers
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1600
V
IO
Output Current (D.C)
TC= 55℃
25
A
IFSM
Surge Forward Current
10ms; TJ= 25℃
370
A
I2t
I2t for fusing
680
A2S
Viso
Maximum Power Dissipation
50Hz; R.M.S; t=1ms
2500
V
TJ
Junction Temperature
-40~150
Tstg
Storage Temperature Range
-55~125
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.75
/W


Podobny numer części - SKD25-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semikron International
SKD25 SEMIKRON-SKD25 Datasheet
79Kb / 4P
   Power Bridge Rectifiers
SKD25/02 SEMIKRON-SKD25/02 Datasheet
79Kb / 4P
   Power Bridge Rectifiers
SKD25/04 SEMIKRON-SKD25/04 Datasheet
79Kb / 4P
   Power Bridge Rectifiers
SKD25/08 SEMIKRON-SKD25/08 Datasheet
79Kb / 4P
   Power Bridge Rectifiers
SKD25/12 SEMIKRON-SKD25/12 Datasheet
79Kb / 4P
   Power Bridge Rectifiers
More results

Podobny opis - SKD25-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
6RI100G-120 ISC-6RI100G-120 Datasheet
252Kb / 2P
   Three Phases Bridge Module
PSD62-12 ISC-PSD62-12 Datasheet
274Kb / 2P
   Three Phases Bridge Module
6RI50E-060 ISC-6RI50E-060 Datasheet
274Kb / 2P
   Three Phases Bridge Module
ISCZ18150 ISC-ISCZ18150 Datasheet
264Kb / 2P
   Three Phases Rectifying Bridge Module
DF100AA120 ISC-DF100AA120 Datasheet
331Kb / 2P
   Three Phases Rectifying Bridge Module
6RI30E-080 ISC-6RI30E-080 Datasheet
296Kb / 2P
   Three Phases Rectifying Bridge Module
DF100AA160 ISC-DF100AA160 Datasheet
363Kb / 2P
   Three Phases Rectifying Bridge Module
logo
List of Unclassifed Man...
QF50AA60 ETC1-QF50AA60 Datasheet
87Kb / 2P
   TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)
QF15AA60 ETC-QF15AA60 Datasheet
496Kb / 2P
   TRANSISTOR MODULE THREE PHASES BRIDGE TYPE
logo
SanRex Corporation
QF20AA40 SANREX-QF20AA40 Datasheet
503Kb / 2P
   TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com