Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF11092655B702T Arkusz danych(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Numer części SF11092655B702T
Szczegółowy opis  2620~2690 MHz Band Working Frequency
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SF11092655B702T Arkusz danych(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

  SF11092655B702T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SF11092655B702T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SF11092655B702T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SF11092655B702T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SF11092655B702T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SF11092655B702T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SF11092655B702T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SF11092655B702T Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Approval Sheet
Page 8 of 8
ASC_SF11092655B702T_V03
Apr. 2017
Reel Dimensions
A
B
C
Index
A
B
C
Dimension (mm)
Φ180.0 +0/-1.5
Φ66.0
 0.5
Φ13.0
 0.2
Note:The product shall be packed properly not to be damaged during transportation and storage.
Taping Quantity:5
000 pieces per 7”reel
Caution Of Handling
Limitation of Applications
Please contact us before using our products for the applications listed below which require especially high reliability for the
prevention of defects, which might directly cause damage to the third party’s life, body or property.
(1)
Aircraft equipment
(2)
Aerospace equipment
(3)
Undersea equipment
(4)
Medical equipment
(5)
Disaster prevention / crime prevention equipment
(6)
Traffic signal equipment
(7)
Transportation equipment (vehicles, trains, ships, etc.)
(8)
Applications of similar complexity and /or reliability requirements to the applications listed in the above.
Storage Condition
(1)
Products should be used in 6 months from the day of WALSIN outgoing inspection, which can be confirmed.
(2)
Storage environment condition.
Products should be storage in the warehouse on the following conditions.
Temperature
: -10 to +40°C
Humidity
: 30 to 70% relative humidity
Don’t keep products in corrosive gases such as sulfur. Chlorine gas or acid or it may cause oxidization of electrode,
resulting in poor solderability.
Products should be storage on the palette for the prevention of the influence from humidity, dust and son on.
Products should be storage in the warehouse without heat shock, vibration, direct sunlight and so on.
Products should be storage under the airtight packaged condition.
Important Notes
(1) This device should not be used in any type of fluid such as water, oil, organic solvent, etc.
(2) Cleaning agent isopropyl alcohol and ethyl alcohol can be used.
(3) As rapid temperature change for cleaning after reflow soldering might be a cause of degradation or destruction,
clean this component after confirming that temperature of this component goes down to room temperature.
(4) As ultrasonic vibration might be a cause of degradation or destruction, do not use ultrasonic cleaning.
(5) This device follows JEDEC standards for moisture classifications.
The following this device is classified as Moisture Sensitive Level 3
This device is moisture sensitive and need to be handled within proper MSL 3 guidelines to avoid damage from
moisture absorption and exposure to solder reflow temperatures that can result in yield and reliability degradation
(6) This is an Electrostatic Sensitive Device.
Please avoid static voltage during operation and storage.
(7) Sudden change of temperature shall be avoided, deterioration of the characteristics can occur.
(8) If any malfunction due to designing or manufacturing which is out of specification occurs within one year after
the products have been delivered, the maker should exchange the defective products.


Podobny numer części - SF11092655B702T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WALSIN TECHNOLOGY CORPO...
SF11092602B41W9T WALSIN-SF11092602B41W9T Datasheet
876Kb / 8P
   2555~2655 MHz Band Working Frequency
More results

Podobny opis - SF11092655B702T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WALSIN TECHNOLOGY CORPO...
SF14112595B3803T WALSIN-SF14112595B3803T Datasheet
675Kb / 7P
   2570~2620 MHz Band Working Frequency
SF11092595B3805T WALSIN-SF11092595B3805T Datasheet
1Mb / 8P
   2570~2620 MHz Band Working Frequency
SF14112593B4102T WALSIN-SF14112593B4102T Datasheet
771Kb / 9P
   2496~2690 MHz Band Working Frequency
SF11092595B3804T WALSIN-SF11092595B3804T Datasheet
1Mb / 8P
   2570~2620 MHz Band Working Frequency
RFBLN10052G5W3T WALSIN-RFBLN10052G5W3T Datasheet
563Kb / 7P
   2300~2690 MHz Working Frequency
RFDIP1608070G58Q1C WALSIN-RFDIP1608070G58Q1C Datasheet
581Kb / 8P
   699~960 MHz / 1710~2690 MHz Working Frequency
RFDIP1608070G1T WALSIN-RFDIP1608070G1T Datasheet
679Kb / 7P
   700~960 MHz /1710~2690 MHz Working Frequency
RFDIP1608070G17N3T WALSIN-RFDIP1608070G17N3T Datasheet
680Kb / 7P
   700~960 MHz /1710~2690 MHz Working Frequency
logo
M/A-COM Technology Solu...
MAFR-000487-000001 MA-COM-MAFR-000487-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2620 MHz-2690 MHz
logo
Skyworks Solutions Inc.
SKY77445 SKYWORKS-SKY77445 Datasheet
109Kb / 2P
   Front-End Module for LTE / EUTRAN Band VII (Tx 2500-2570 MHz), (Rx 2620-2690 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com