Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA90N15 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQA90N15
Szczegółowy opis  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA90N15 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQA90N15 Datasheet HTML 1Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 2Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 3Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 4Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 5Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 6Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 7Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 8Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FQH90N15 / FQA90N15 Rev. B
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
246
8
10
10
-1
10
0
10
1
10
2
Notes :
1. V
DS
= 30V
2. 250
µs Pulse Test
-55
oC
175
oC
25
oC
V
GS
, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom :
4.5 V
Notes :
1. 250
µs Pulse Test
2. T
C
= 25
o
C
V
DS
, Drain-Source Voltage [V]
0.00.4
0.81.2
1.62.0
2.4
10
-1
10
0
10
1
10
2
25
oC
175
oC
Notes :
1. V
GS
= 0V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
0
50
100
150
200
250
300
0.00
0.03
0.06
0.09
0.12
Note : T
J
= 25
oC
V
GS
= 20V
V
GS
= 10V
I
D
, Drain Current [A]
0
50
100
150
200
250
0
2
4
6
8
10
12
V
DS
= 75V
V
DS
= 30V
V
DS
= 120V
Note : I
D
= 90 A
Q
G
, Total Gate Charge [nC]
10
-1
10
0
10
1
0
3000
6000
9000
12000
15000
18000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]


Podobny numer części - FQA90N15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
   N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
   N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
logo
Fairchild Semiconductor
FQA90N15_F109 FAIRCHILD-FQA90N15_F109 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
More results

Podobny opis - FQA90N15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com