Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL92 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC100LVEL92
Szczegółowy opis  Triple PECL to LVPECL Translator?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL92 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC100LVEL92 Datasheet HTML 1Page - ON Semiconductor MC100LVEL92 Datasheet HTML 2Page - ON Semiconductor MC100LVEL92 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MC100LVEL92
4–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
OUTLINE DIMENSIONS
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D–04
ISSUE E
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
7
°
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0
°
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
7
°
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
0
°
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
1.27 BSC
0.050 BSC
–A
–B
P 10 PL
110
11
20
–T
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
0.010 (0.25)
B
M
M
0.010 (0.25)
T
A
B
M
S
S
G 18 PL
F
J
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
MC100LVEL92/D
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps


Podobny numer części - MC100LVEL92

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
MC100LVEL92DW ONSEMI-MC100LVEL92DW Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92DWG ONSEMI-MC100LVEL92DWG Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
More results

Podobny opis - MC100LVEL92

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417_06 Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com