Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEP14DT Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC100LVEP14DT
Szczegółowy opis  Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP14DT Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC100LVEP14DT Datasheet HTML 1Page - ON Semiconductor MC100LVEP14DT Datasheet HTML 2Page - ON Semiconductor MC100LVEP14DT Datasheet HTML 3Page - ON Semiconductor MC100LVEP14DT Datasheet HTML 4Page - ON Semiconductor MC100LVEP14DT Datasheet HTML 5Page - ON Semiconductor MC100LVEP14DT Datasheet HTML 6Page - ON Semiconductor MC100LVEP14DT Datasheet HTML 7Page - ON Semiconductor MC100LVEP14DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100LVEP14
http://onsemi.com
3
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
–6.0 to 0
VDC
VCC
Power Supply (VEE = 0V)
6.0 to 0
VDC
VI
Input Voltage (VCC = 0V, VI not more negative than VEE)
–6.0 to 0
VDC
VI
Input Voltage (VEE = 0V, VI not more positive than VCC)
6.0 to 0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source Current{
± 0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature
–65 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500lfpm
90
60
°C/W
θJC
Thermal Resistance (Junction–to–Case)
30 to 35
°C/W
Tsol
Solder Temperature (<2 to 3 Seconds: 245
°C desired)
265
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
{ Use for inputs of same package only.
DC CHARACTERISTICS, ECL/LVECL (VCC = 0V, VEE = –3.3(+0.925, –0.5)V) (Note 5.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current (Note 1.)
45
60
75
45
60
75
45
60
95
mA
VOH
Output HIGH Voltage (Note 2.)
–1145
–1020
–0895
–1145
–1020
–0895
–1145
–1020
–0895
mV
VOL
Output LOW Voltage (Note 2.)
–1995
–1820
–1650
–1995
–1820
–1650
–1995
–1820
–1650
mV
VIH
Input HIGH Voltage
–1165
–0880
–1165
–0880
–1165
–0880
mV
VIL
Input LOW Voltage
–1810
–1625
–1810
–1625
–1810
–1625
mV
VBB
Output Reference Voltage (Note 3.)
–1525
–1425
–1325
–1525
–1425
–1325
–1525
–1425
–1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Note 4.)
VEE + 1.2
0.0
VEE + 1.2
0.0
VEE + 1.2
0.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
–150
0.5
–150
0.5
–150
150
µA
1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating.
2. All loading with 50 ohms to VCC–2.0 volts.
3. Single ended input operation is limited VEE ≤ –3.0V in ECL/LVECL mode.
4. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
5. Input and output parameters vary 1:1 with VCC.
DC CHARACTERISTICS, HSTL (VCC = 2.5(–0.125, +1.3)V, VEE = 0V)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VIH
Input HIGH Voltage
1200
mV
VIL
Input LOW Voltage
400
mV
VX
Input Crossover Voltage
680
900
mV
ICC
Power Supply Current (Note 6.)
100
100
100
mA
6. VCC = 2.375V to 3.8V, VEE = 0V, all other pins floating.


Podobny numer części - MC100LVEP14DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP14DT ONSEMI-MC100LVEP14DT Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14DTG ONSEMI-MC100LVEP14DTG Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14DTG ONSEMI-MC100LVEP14DTG Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP14DTR2 ONSEMI-MC100LVEP14DTR2 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14DTR2G ONSEMI-MC100LVEP14DTR2G Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
More results

Podobny opis - MC100LVEP14DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com