Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10106 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10106
Szczegółowy opis  Triple 4-3-3-Input NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10106 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10106 Datasheet HTML 1Page - ON Semiconductor MC10106 Datasheet HTML 2Page - ON Semiconductor MC10106 Datasheet HTML 3Page - ON Semiconductor MC10106 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10106
3–27
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
23
17
21
23
mAdc
Input Current
IinH
4
425
265
265
µAdc
IinL
4
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
3
2
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
3
2
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
3
2
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
3
2
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t4+3–
t4–3+
3
3
1.0
1.0
3.1
3.1
1.0
1.0
2.0
2.0
2.9
2.9
1.0
1.0
3.3
3.3
Rise Time
(20 to 80%)
t3+
3
1.1
3.6
1.1
2.0
3.3
1.1
3.7
Fall Time
(20 to 80%)
t3–
3
1.1
3.6
1.1
2.0
3.3
1.1
3.7
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
4
4
8
1, 16
IinL
4
4
8
1, 16
Output Voltage
Logic 1
VOH
3
2
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
3
2
4
9
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
3
2
4
9
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
3
2
4
9
8
8
1, 16
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+3–
t4–3+
3
3
4
4
3
3
8
8
1, 16
1, 16
Rise Time
(20 to 80%)
t3+
3
4
3
8
1, 16
Fall Time
(20 to 80%)
t3–
3
4
3
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10106 ONSEMI-MC10106 Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
MC10106FN ONSEMI-MC10106FN Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
MC10106L ONSEMI-MC10106L Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
MC10106P ONSEMI-MC10106P Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
MC10106 ONSEMI-MC10106_02 Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
More results

Podobny opis - MC10106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10106 ONSEMI-MC10106_02 Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
logo
Integral Corp.
IN74HCT27A INTEGRAL-IN74HCT27A Datasheet
38Kb / 5P
   Triple 3-Input NOR Gate
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
   Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
   TRIPLE 3-INPUT NOR GATE
logo
Nexperia B.V. All right...
74HCT27 NEXPERIA-74HCT27 Datasheet
241Kb / 12P
   Triple 3-input NOR gate
Rev. 6 - 10 September 2020
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com