Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10121 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10121
Szczegółowy opis  4-Wide OR-AND/OR-AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10121 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10121 Datasheet HTML 1Page - ON Semiconductor MC10121 Datasheet HTML 2Page - ON Semiconductor MC10121 Datasheet HTML 3Page - ON Semiconductor MC10121 Datasheet HTML 4Page - ON Semiconductor MC10121 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10121
MOTOROLA
MECL Data
DL122 — Rev 6
3–74
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
29
20
26
29
mAdc
Input Current
IinH
7
9
10
390
390
495
245
245
310
245
245
310
µAdc
IinL
7
9
10
0.5
0.5
0.5
0.5
0.5
0.5
0.3
0.3
0.3
µAdc
Output Voltage
Logic 1
VOH
3
2
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
3
2
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
3
2
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
3
2
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t4+3–
t4–3+
t4+2+
t4–2–
3
3
2
2
1.4
1.4
1.4
1.4
3.6
3.6
3.6
3.6
1.4
1.4
1.4
1.4
2.3
2.3
2.3
2.3
3.4
3.4
3.4
3.4
1.4
1.4
1.4
1.4
3.5
3.5
3.5
3.5
Rise Time
(20 to 80%)
t3+
t2+
3
2
0.9
0.9
4.1
4.1
1.1
1.1
2.5
2.5
4.0
4.0
1.1
1.1
4.6
4.6
Fall Time
(20 to 80%)
t3–
t2–
3
2
0.9
0.9
4.1
4.1
1.1
1.1
2.5
2.5
4.0
4.0
1.1
1.1
4.6
4.6


Podobny numer części - MC10121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10121 ONSEMI-MC10121 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121FN ONSEMI-MC10121FN Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121L ONSEMI-MC10121L Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121P ONSEMI-MC10121P Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
More results

Podobny opis - MC10121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H121 ONSEMI-MC10H121 Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
National Semiconductor ...
54LS54 NSC-54LS54 Datasheet
52Kb / 2P
   4-WIDE, 2-INPUT AND-OR-INVERT GATE
DM74LS54 NSC-DM74LS54 Datasheet
109Kb / 6P
   4-WIDE, 2-Input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS55 MOTOROLA-SN54LS55 Datasheet
46Kb / 2P
   2-WIDE 4-INPUT AND-OR-INVERT GATE
logo
NXP Semiconductors
HEF4086B PHILIPS-HEF4086B Datasheet
41Kb / 5P
   4-wide 2-input AND-OR-invert gate
January 1995
logo
National Semiconductor ...
DM74LS55 NSC-DM74LS55 Datasheet
112Kb / 6P
   2-Wide, 4-Input AND-OR-INVERT Gate
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10117 ONSEMI-MC10117_02 Datasheet
109Kb / 8P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com