Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10123 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10123
Szczegółowy opis  Triple 4-3-3-Input Bus Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10123 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10123 Datasheet HTML 1Page - ON Semiconductor MC10123 Datasheet HTML 2Page - ON Semiconductor MC10123 Datasheet HTML 3Page - ON Semiconductor MC10123 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10123
3–79
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
82
71
75
82
mAdc
Input Current
IinH
4
350
220
220
µAdc
IinL
4
0.5
µAdc
Output Voltage
Logic 1
VOH
3
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
3
–2.100
–2.030
–2.100
–2.030
–2.100
–2.030
Vdc
Threshold Voltage
Logic 1
VOHA
3
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
3
–2.100
–2.100
–2.100
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t4+3–
t4–3+
3
3
1.2
1.2
4.6
4.6
1.2
1.2
3.0
3.0
4.4
4.4
1.2
1.2
4.8
4.8
Rise Time
(20 to 80%)
t3+
3
1.0
3.7
1.0
2.5
3.5
1.0
3.9
Fall Time
(20 to 80%)
t3–
3
1.0
3.7
1.0
2.5
3.5
1.0
3.9
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
4,5,6,7,9
10,11,12
13,14
8
1, 16
Input Current
IinH
4
4
8
1, 16
IinL
4
4
8
1, 16
Output Voltage
Logic 1
VOH
3
8
1, 16
Output Voltage
Logic 0
VOL
3
4,5,6,7
9,12
8
1, 16
Threshold Voltage
Logic 1
VOHA
3
4,5,6,7
8
1, 16
Threshold Voltage
Logic 0
VOLA
3
9,12
4,5,6,7
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+3–
t4–3+
3
3
4
4
3
3
8
8
1, 16
1, 16
Rise Time
(20 to 80%)
t3+
3
4
3
8
1, 16
Fall Time
(20 to 80%)
t3–
3
4
3
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10123 ONSEMI-MC10123 Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10123FN ONSEMI-MC10123FN Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10123L ONSEMI-MC10123L Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10123P ONSEMI-MC10123P Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10123 ONSEMI-MC10123_02 Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
More results

Podobny opis - MC10123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10123 ONSEMI-MC10123_02 Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10H123 ONSEMI-MC10H123 Datasheet
100Kb / 4P
   Triple 4-3-3-Input Bus Driver
REV 5
logo
NXP Semiconductors
10123 PHILIPS-10123 Datasheet
231Kb / 6P
   Triple 4-3-3-Input Bus Driver
June 14 1990
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
   TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
ON Semiconductor
MC10106 ONSEMI-MC10106 Datasheet
99Kb / 4P
   Triple 4-3-3-Input NOR Gate
1996 REV 5
MC10106 ONSEMI-MC10106_02 Datasheet
85Kb / 4P
   Triple 4-3-3-Input NOR Gate
January, 2002 ??Rev. 7
logo
Texas Instruments
SN74H61 TI-SN74H61 Datasheet
84Kb / 2P
[Old version datasheet]   TRIPLE 3-INPUT EXPANDER
logo
ON Semiconductor
MC10H123 ONSEMI-MC10H123_06 Datasheet
143Kb / 5P
   Triple 4?????묲nput Bus Driver
February, 2006 ??Rev. 7
MC10H123 ONSEMI-MC10H123_16 Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com