Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA-4H7UW-B Arkusz danych(PDF) 1 Page - Yellow Stone Corp

Numer części BA-4H7UW-B
Szczegółowy opis  LED LIGHT BAR & BAR GRAPH ARRAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YSTONE [Yellow Stone Corp]
Strona internetowa  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BA-4H7UW-B Arkusz danych(HTML) 1 Page - Yellow Stone Corp

  BA-4H7UW-B Datasheet HTML 1Page - Yellow Stone Corp BA-4H7UW-B Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BA-2R2UW
GaAsP/Red
655
40
80
40
200
1.7
2.0
3.0
BA-2H2UW
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
4.0
BA-2G2UW
GaP/ Green
568
30
80
30
150
2.2
2.5
9.0
BA-2Y2UW
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
8.0
GaAsP/GaP/ Hi-Eff.Red
BA-2E2UW
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
9.0
BA-2S2UW
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
15.0
7.50*13.9mm
Light Bar
BA-2D2UW
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
18.0
AD-07
BA-8R6UW
GaAsP/Red
655
40
80
40
200
1.7
2.0
5.0
BA-8H6UW
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
6.0
BA-8G6UW
GaP/ Green
568
30
80
30
150
2.2
2.5
12.0
BA-8Y6UW
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
10.0
GaAsP/GaP/ Hi-Eff.Red
BA-8E6UW
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
12.0
BA-8S6UW
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
16.0
10.0*20.2mm
Light Bar
BA-8D6UW
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
20.0
AD-08
BA-4R7UW
GaAsP/Red
655
40
80
40
200
1.7
2.0
3.0
BA-4H7UW
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
6.0
BA-4G7UW
GaP/ Green
568
30
80
30
150
2.2
2.5
8.0
BA-4Y7UW
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
7.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
8.0
BA-4S7UW
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
12.0
BA-4D7UW
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
15.0
AD-09
BA-4R7UW-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
3.0
BA-4H7UW-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
6.0
BA-4G7UW-A
GaP/ Green
568
30
80
30
150
2.2
2.5
8.0
BA-4Y7UW-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
7.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
8.0
BA-4S7UW-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
12.0
BA-4D7UW-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
15.0
AD-10
BA-4R7UW-B
GaAsP/Red
655
40
160
40
200
3.4
4.0
3.0
BA-4H7UW-B
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
6.0
BA-4G7UW-B
GaP/ Green
568
30
160
30
150
4.4
5.0
8.0
BA-4Y7UW-B
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
7.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW-B
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
8.0
BA-4S7UW-B
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
12.0
BA-4D7UW-B
GaAlAs/ DH Super Red
660
20
160
30
150
3.4
5.0
15.0
AD-11
BA-4R7UW-C
GaAsP/Red
655
40
80
40
200
1.7
2.0
6.0
BA-4H7UW-C
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
12.0
BA-4G7UW-C
GaP/ Green
568
30
80
30
150
2.1
2.5
16.0
BA-4Y7UW-C
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
14.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW-C
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
16.0
BA-4S7UW-C
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
20.0
15.0*15.0mm
Light Bar
BA-4D7UW-C
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
24.0
AD-12
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Podobny numer części - BA-4H7UW-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
BA-4.5W-K FUJITSU-BA-4.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-48W-K FUJITSU-BA-48W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
BRIGHT LED ELECTRONICS ...
BA-4D7UW-A BRIGHT-BA-4D7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-4G7UW-B BRIGHT-BA-4G7UW-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-4S7UW BRIGHT-BA-4S7UW Datasheet
219Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

Podobny opis - BA-4H7UW-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BA-10R1UD ETC-BA-10R1UD Datasheet
404Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
Kingbright Corporation
DD-12HWB KINGBRIGHT-DD-12HWB Datasheet
124Kb / 4P
   12SEGMENT BAR GRAPH ARRAYS
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
   Light Bar Graph Array Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
   BAR GRAPH LED DISPLAY
logo
Lucky Light Electronic
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
logo
P-tec Corporation
PB65-BGA10G13 P-TEC-PB65-BGA10G13 Datasheet
30Kb / 1P
   LED Rectangular Bar Graph Array
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com