Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10141 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10141
Szczegółowy opis  Four Bit Universal Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10141 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10141 Datasheet HTML 1Page - ON Semiconductor MC10141 Datasheet HTML 2Page - ON Semiconductor MC10141 Datasheet HTML 3Page - ON Semiconductor MC10141 Datasheet HTML 4Page - ON Semiconductor MC10141 Datasheet HTML 5Page - ON Semiconductor MC10141 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10141
MOTOROLA
MECL Data
DL122 — Rev 6
3–48
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
112
82
102
112
mAdc
Input Current
IinH
5
6
7
4
350
350
390
425
220
220
245
265
220
220
245
265
µAdc
IinL
12
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
3
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
3
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
(Note 1.)
3
3
3
3
–1.080
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
(Note 1.)
3
3
3
3
–1.655
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
Setup TIme (tsetup)
Hold Time (thold)
t4+3+
t12+4+
t10+4+
t4+12+
3
14
14
14
1.7
2.5
5.5
1.5
3.9
1.8
2.5
5.0
1.5
2.9
3.8
2.0
2.5
5.5
1.5
4.2
Rise Time
(20 to 80%)
t3+
3
1.0
3.4
1.1
2.0
3.3
1.1
3.6
Fall Time
(20 to 80%)
t3–
3
1.0
3.4
1.1
2.0
3.3
1.1
3.6
Shift Frequency
fshift
150
150
200
150
MHz
1. These tests to be performed in sequence as shown.
VIH
VIL
P1
VIHA
VIL
P2
VILA
VIL
P3
2. See shift frequency test circuit for test procedures.
3. Reset to zero before performing test.
4. Reset to one before performing test.


Podobny numer części - MC10141

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10141 ONSEMI-MC10141 Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC10141FN ONSEMI-MC10141FN Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC10141L ONSEMI-MC10141L Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC10141P ONSEMI-MC10141P Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC10141 ONSEMI-MC10141_02 Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
More results

Podobny opis - MC10141

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141 Datasheet
109Kb / 4P
   Four-Bit Universal Shift Register
1996 REV 6
MC10141 ONSEMI-MC10141_02 Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC10H141 ONSEMI-MC10H141_16 Datasheet
143Kb / 5P
   Four?륛it Universal Shift Register
August, 2016 ??Rev. 9
MC10H141 ONSEMI-MC10H141_06 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
   UNIVERSAL 4-BIT SHIFT REGISTER
logo
NXP Semiconductors
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
   4-bit universal shift register
January 1995
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
   4-Bit Universal Shift Register
logo
NXP Semiconductors
HEF4035B PHILIPS-HEF4035B Datasheet
98Kb / 8P
   4-bit universal shift register
January 1995
logo
List of Unclassifed Man...
4035B ETC1-4035B Datasheet
149Kb / 3P
   4-BIT UNIVERSAL SHIFT REGISTER
logo
National Semiconductor ...
54195 NSC-54195 Datasheet
242Kb / 3P
   UNIVERSAL 4-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com