Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-5300 Arkusz danych(PDF) 3 Page - Sanken electric

Numer części SI-5300
Szczegółowy opis  Full-bridge PWM Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-5300 Arkusz danych(HTML) 3 Page - Sanken electric

  SI-5300 Datasheet HTML 1Page - Sanken electric SI-5300 Datasheet HTML 2Page - Sanken electric SI-5300 Datasheet HTML 3Page - Sanken electric SI-5300 Datasheet HTML 4Page - Sanken electric SI-5300 Datasheet HTML 5Page - Sanken electric SI-5300 Datasheet HTML 6Page - Sanken electric SI-5300 Datasheet HTML 7Page - Sanken electric SI-5300 Datasheet HTML 8Page - Sanken electric SI-5300 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Full-bridge PWM Motor Driver
SI-5300
September 2005
.
Sanken Electric Co.,Ltd.
I03-001EA-050910
3.
Electrical characteristics (Tj=25℃,VM=14V,Io=3A unless otherwise specified)
Rating
Characteristics
Symbol
min
typ
max
Unit
Remarks
Motor Supply Voltage
VM
6
18
V
VM=24V(2min)
V,VM-Vo
0.8
Io=3A
Output saturation voltage
V,Vo-PG
0.3
V
Io=3A
IL,L
100
VM=40V
Output leak current
IL,H
100
μA
VM=40V
tp
LH
10 *5
VPWM
L⇒H(Vth=2.5typ)
tp
HL
15 *6
VPWM
H⇒L(Vth=2.5typ)
Output transmission time
tp
HL-tpLH
10
μS
0.8
Io=3A
VF・L
1.0
Io=10A
0.8
Io=3A
Forward voltage
characteristic of diode
between drain and source
VF・H
1.0
V
Io=10A
IM1
22
Stop mode
IM2
22
Forward and reverse mode
Quiescent current
IM3
16
A
Brake mode
VIN,H
3.0
VIN1=VIN2=VPWM
Voltage of input terminal
VIN,L
2.0
V
VIN1=VIN2=VPWM
IIN,L
-100
μA
VIN1=VIN2=VPWM=0V
Current of input terminal
IIN,H
200
μA
VIN1=VIN2=VPWM=5V
Over current protection
starting current
Iocp
16
A
*3
DIAG terminal output
Voltage of pulse width
DIAG
20
S
CDIAG=1μF(typ)
DIAG terminal output
Voltage of satisfaction
VD・L
0.3
V
ID・SINK=1mA
*4
Note】
*3 The standard value of Iocp is assumed to be a value by which the output of each power MOSFET cuts off.
When the protection circuit of OCP and TSD operates , power MOSFET’s keeps cutoff.
When a signal(5V:H⇒0V:L) is input to the terminal PWM , the cutoff operation will be released. Moreover ,
Three minutes ( Ta=25℃, fPWM=10Khz ,VM=14V) are assumed to be max at the over current state continuance
Time in the VM operation and ground of output terminal (OUT1,OUT2).
It is not the one to assure the operation including reliability in the state that the sort-circuit continues for
along time.
*4 DIAG signal output terminal is an collector output. Use apull-up resistor when connecting it to a logic circuit.
3/12


Podobny numer części - SI-5300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
SI-53002 BEL-SI-53002 Datasheet
245Kb / 3P
   SI-53002
SI-53003 BEL-SI-53003 Datasheet
293Kb / 4P
   SI-53003
SI-53004 BEL-SI-53004 Datasheet
276Kb / 3P
   SI-53004
SI-53005 BEL-SI-53005 Datasheet
317Kb / 4P
   SI-53005
SI-53006 BEL-SI-53006 Datasheet
564Kb / 4P
   SI-53006
More results

Podobny opis - SI-5300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com