Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10171P Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10171P
Szczegółowy opis  Dual Binary to 1-4 Decoder(Low)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10171P Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10171P Datasheet HTML 1Page - ON Semiconductor MC10171P Datasheet HTML 2Page - ON Semiconductor MC10171P Datasheet HTML 3Page - ON Semiconductor MC10171P Datasheet HTML 4Page - ON Semiconductor MC10171P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10171
3–109
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
2,7,9,14,15
8
1, 16
Input Current
IinH
14
14
8
1, 16
IinL
14
14
8
1, 16
Output Voltage
Logic 1
VOH
6
13
15
15
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
13
2,7,9,14,15
8
1, 16
Threshold Voltage
Logic 1
VOHA
6
13
15
15
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
6
13
2,9,14,15
2,7,14,15
7
9
8
8
1, 16
1, 16
Switching Times
(50
Ω Load)
+0.31V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t7+6+
t7–6–
t7+13+
t7–13–
6
6
13
13
2,9,14,15
2,9,14,15
2,9,14,15
2,9,14,15
7
7
7
7
6
6
13
13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t6+
t13+
6
13
7
7
6
13
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t6–
t13–
6
13
7
7
6
13
8
8
1, 16
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10171P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10171P ONSEMI-MC10171P Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
More results

Podobny opis - MC10171P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10172 MOTOROLA-MC10172 Datasheet
117Kb / 5P
   Dual Binary to 1-4 Decoder(High)
logo
ON Semiconductor
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com