Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYW29E-200 Arkusz danych(PDF) 1 Page - WeEn Semiconductors

Numer części BYW29E-200
Szczegółowy opis  Ultrafast power diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEEN [WeEn Semiconductors]
Strona internetowa  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYW29E-200 Arkusz danych(HTML) 1 Page - WeEn Semiconductors

  BYW29E-200 Datasheet HTML 1Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 2Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 3Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 4Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 5Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 6Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 7Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 8Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BYW29E-200
Ultrafast power diode
Rev.01 - 4 June 2018
Product data sheet
1. General description
Ultrafast power diode in a SOD59 (2-lead TO-220AC) plastic package.
2. Features and benefits
Fast switching
Guaranteed ESD capability
High thermal cycling performance
Low on-state loss
Low thermal resistance
Rugged: reverse voltage surge capability
Soft recovery minimizes power-consuming oscillations
3. Applications
Output rectifiers in high-frequency switched-mode power supplies
4. Quick reference data
Table 1. Quick reference data
Symbol Parameter
Conditions
Values
Unit
Absolute maximum rating
VRRM
repetitive peak reverse
voltage
200
V
IF(AV)
average forward current δ = 0.5 ; Tmb ≤ 128 °C; square-wave pulse;
Fig. 1; Fig. 2
8
A
IFRM
repetitive peak forward
current
δ = 0.5 ; tp = 25 μs; Tmb ≤ 128 °C;
square-wave pulse
16
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; Tj(init) = 25 °C; sine-wave pulse
80
A
tp = 8.3 ms; Tj(init) = 25 °C; sine-wave pulse
88
A
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF = 8 A; Tj = 150 °C; Fig. 4
-
0.8
0.895 V
Dynamic characteristics
trr
reverse recovery time
IF = 1 A; VR = 30 V; dIF/dt = 100 A/μs;
Tj = 25 °C; ramp recovery; Fig. 5; Fig. 7
-
20
25
ns
Electrostatic discharge
VESD
electrostatic discharge
voltage
HBM; C = 250 pF; R = 1.5 kΩ
-
-
8
kV


Podobny numer części - BYW29E-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYW29E-200 PHILIPS-BYW29E-200 Datasheet
44Kb / 6P
   Rectifier diodes ultrafast, rugged
November 1998 Rev 1.300
BYW29E-200 PHILIPS-BYW29E-200 Datasheet
451Kb / 11P
   Ultrafast power diode
Rev. 5-20 March 2012
logo
Inchange Semiconductor ...
BYW29E-200 ISC-BYW29E-200 Datasheet
243Kb / 2P
   Ultra fast Rectifier
logo
NXP Semiconductors
BYW29E-200 PHILIPS-BYW29E-200_15 Datasheet
198Kb / 10P
   Ultrafast power diode
17 September 2013
More results

Podobny opis - BYW29E-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYR29X-600 PHILIPS-BYR29X-600_15 Datasheet
173Kb / 12P
   Ultrafast power diode
Rev. 02-15 July 2010
BYV10ED-600P PHILIPS-BYV10ED-600P_15 Datasheet
194Kb / 11P
   Ultrafast power diode
24 July 2015
NUR460 NXP-NUR460 Datasheet
389Kb / 10P
   Ultrafast power diode
Rev. 2-20 July 2011
logo
WeEn Semiconductors
BYR5D-1200P WEEN-BYR5D-1200P Datasheet
383Kb / 10P
   Ultrafast power diode
BYT79B-600P WEEN-BYT79B-600P Datasheet
375Kb / 10P
   Ultrafast power diode
BYV5ED-600P WEEN-BYV5ED-600P Datasheet
458Kb / 10P
   Ultrafast power diode
BYV10-600P WEEN-BYV10-600P Datasheet
619Kb / 10P
   Ultrafast power diode
BYV60W-600P WEEN-BYV60W-600P Datasheet
458Kb / 11P
   Ultrafast power diode
BYV29G-600 WEEN-BYV29G-600 Datasheet
515Kb / 10P
   Ultrafast power diode
BYV29G-600P WEEN-BYV29G-600P Datasheet
438Kb / 10P
   Ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com