Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EC103D1W Arkusz danych(PDF) 6 Page - WeEn Semiconductors

Numer części EC103D1W
Szczegółowy opis  SCR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEEN [WeEn Semiconductors]
Strona internetowa  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

EC103D1W Arkusz danych(HTML) 6 Page - WeEn Semiconductors

Back Button EC103D1W Datasheet HTML 2Page - WeEn Semiconductors EC103D1W Datasheet HTML 3Page - WeEn Semiconductors EC103D1W Datasheet HTML 4Page - WeEn Semiconductors EC103D1W Datasheet HTML 5Page - WeEn Semiconductors EC103D1W Datasheet HTML 6Page - WeEn Semiconductors EC103D1W Datasheet HTML 7Page - WeEn Semiconductors EC103D1W Datasheet HTML 8Page - WeEn Semiconductors EC103D1W Datasheet HTML 9Page - WeEn Semiconductors EC103D1W Datasheet HTML 10Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
WeEn Semiconductors
EC103D1W
SCR
EC103D1W
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
6 / 13
8. Thermal characteristics
Table 5. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance
from junction to solder
point
Fig. 6
-
-
15
K/W
printed circuit board mounted; minimum
pad area; in free air; Fig. 7
-
70
-
K/W
Rth(j-a)
thermal resistance
from junction to
ambient free air
printed circuit board mounted; minimum
footprint; in free air; Fig. 8
-
156
-
K/W
1
10-1
10
102
Zth(j-sp)
(K/W)
10-2
tp (s)
10-5
1
10
10-1
10-2
10-4
10-3
aaa-007701
tp
P
t
Fig. 6. Transient thermal impedance from junction to solder point as a function of pulse width


Podobny numer części - EC103D1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
EC103D1 LITTELFUSE-EC103D1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
NXP Semiconductors
EC103D1 PHILIPS-EC103D1 Datasheet
70Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
EC103D1 NXP-EC103D1 Datasheet
78Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
logo
List of Unclassifed Man...
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Podobny opis - EC103D1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com