Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PHE13003C Arkusz danych(PDF) 1 Page - WeEn Semiconductors

Numer części PHE13003C
Szczegółowy opis  NPN power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEEN [WeEn Semiconductors]
Strona internetowa  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

PHE13003C Arkusz danych(HTML) 1 Page - WeEn Semiconductors

  PHE13003C Datasheet HTML 1Page - WeEn Semiconductors PHE13003C Datasheet HTML 2Page - WeEn Semiconductors PHE13003C Datasheet HTML 3Page - WeEn Semiconductors PHE13003C Datasheet HTML 4Page - WeEn Semiconductors PHE13003C Datasheet HTML 5Page - WeEn Semiconductors PHE13003C Datasheet HTML 6Page - WeEn Semiconductors PHE13003C Datasheet HTML 7Page - WeEn Semiconductors PHE13003C Datasheet HTML 8Page - WeEn Semiconductors PHE13003C Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PHE13003C
NPN power transistor
13 October 2016
Product data sheet
1. General description
High voltage, high speed, planar passivated NPN power switching transistor in a SOT54 (TO-92)
plastic package.
2. Features and benefits
Fast switching
High typical DC current gain
High voltage capability of 700 V
Very low switching and conduction losses
3. Applications
Compact fluorescent lamps (CFL)
Low power electronic lighting ballasts
Off-line self-oscillating power supplies (SOPS) for battery charging
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IC
collector current
-
-
1.5
A
Ptot
total power dissipation Tlead ≤ 25 °C; Fig. 1
-
-
2.1
W
VCESM
collector-emitter peak
voltage
VBE = 0 V
-
-
700
V
Static characteristics
IC = 0.5 A; VCE = 2 V; Tlead = 25 °C
8
17
25
hFE
DC current gain
IC = 1 A; VCE = 2 V; Tlead = 25 °C
5
9
15
DC


Podobny numer części - PHE13003C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PHE13003C NXP-PHE13003C Datasheet
179Kb / 10P
   NPN power transistor
7 October 2013
PHE13003C PHILIPS-PHE13003C_15 Datasheet
179Kb / 10P
   NPN power transistor
7 October 2013
More results

Podobny opis - PHE13003C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com