Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT2519W Arkusz danych(PDF) 7 Page - Richtek Technology Corporation

Numer części RT2519W
Szczegółowy opis  1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2519W Arkusz danych(HTML) 7 Page - Richtek Technology Corporation

Back Button RT2519W Datasheet HTML 3Page - Richtek Technology Corporation RT2519W Datasheet HTML 4Page - Richtek Technology Corporation RT2519W Datasheet HTML 5Page - Richtek Technology Corporation RT2519W Datasheet HTML 6Page - Richtek Technology Corporation RT2519W Datasheet HTML 7Page - Richtek Technology Corporation RT2519W Datasheet HTML 8Page - Richtek Technology Corporation RT2519W Datasheet HTML 9Page - Richtek Technology Corporation RT2519W Datasheet HTML 10Page - Richtek Technology Corporation RT2519W Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT2519W
7
DS2519W-00 May 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Dropout Voltage vs. Output Current
0
50
100
150
200
0
200
400
600
800
1000
Output Current (mA)
VIN = 2.5V
0
°C
−40°C
25
°C
85
°C
125
°C
Shutdown Current vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 2.2V
VIN = 3.3V
VIN = 4.3V
VIN = 5V
VIN = 5.5V
VIN = 6V
VEN = 0.4V
Reference Voltage vs. Temperature
0.790
0.795
0.800
0.805
0.810
-50
-25
0
25
50
75
100
125
Temperature (°C)
IOUT = 1mA
VIN = 2.2V
VIN = 3.3V
VIN = 4.3V
VIN = 5.5V
VIN = 6V
UVLO vs. Temperature
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 0.8V, VEN = 2.2V
Logic-Low
Logic-High
Dropout Voltage vs. Input Voltage
0
50
100
150
200
234
5
6
Input Voltage (V)
IOUT = 1000mA
0
°C
25
°C
−40°C
85
°C
125
°C
PSRR vs. Frequency
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 10mA
IOUT = 100mA
IOUT = 750mA
IOUT = 1000mA
No CIN, VIN = 4.3V,
COUT = 4.7
μF, VOUT = 3.3V


Podobny numer części - RT2519W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RT2512 ETC1-RT2512 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
YAGEO Corporation
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512BKA07XRXXL YAGEO-RT2512BKA07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Podobny opis - RT2519W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
   Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com