Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2068 Arkusz danych(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Numer części LM2068
Szczegółowy opis  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Strona internetowa  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068 Arkusz danych(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2068 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2068
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068-Manual-Rev0.2.DOC
Page: 4 of 9
1.5
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VLCD
Power
2
V2
Power
3
V3
Power
4
V4
Power
5
V5
Power
Power supply for LCD driving and voltage bias
Where VLCD > V2 > V3 > V4 > V5 > VSS
6
VSS
Power
0V Power Supply, Ground
7
VSS
Power
0V Power Supply, Ground
8
VDD
Power
Positive Power Supply
9
FLM
Input
First Line Marker
10
CP
Input
Clock Pulse signal,
for shifting the data (D0~D3) into the segment buffer
11
M
Input
Controlling signal for the LCD AC driving
12
LP
Input
Line Pulse signal,
for latching the segment buffer to the segment driver
13
/DISPOFF
Input
Display ON/OFF control signal,
/DISPOFF = 0, display off
/DISPOFF = 1, display on
14
VSS
Power
0V Power Supply, Ground
15
D3
Input
Display Data
16
D2
Input
Display Data
17
D1
Input
Display Data
18
D0
Input
Display Data


Podobny numer części - LM2068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen TOPWAY Technol...
LM2068ACA TOPWAY-LM2068ACA Datasheet
1Mb / 9P
   LCD Module User Manual
LM2068AFW TOPWAY-LM2068AFW Datasheet
1Mb / 9P
   LCD Module User Manual
LM2068AFW-1 TOPWAY-LM2068AFW-1 Datasheet
1Mb / 9P
   LCD Module User Manual
LM2068AFW-1 TOPWAY-LM2068AFW-1 Datasheet
1Mb / 9P
   LCD Module User Manual
LM2068AFW-1 TOPWAY-LM2068AFW-1_V01 Datasheet
1Mb / 9P
   LCD Module User Manual
More results

Podobny opis - LM2068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com