Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2068R-3 Arkusz danych(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Numer części LM2068R-3
Szczegółowy opis  LCD Module User Manual
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Strona internetowa  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068R-3 Arkusz danych(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2068R-3 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-3 Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TOPWAY
LCD Module User Manual
LM2068R-3
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068R-3-Manual-Rev0.1.DOC
Page: 8 of 12
4.4
Control Data and Command
The LCD module setting is controlled by the internal Register Values.
The Register Address and Register Value should be issued in sequence and they are addressed
as Control Data.
A full command sequence should be as follow.
Steps
/RD
/WR
RS
Data (DB0~ DB7)
1
st
1
0
0
Register Address
2
nd
1
0
0
Register Value
4.5
Register Table Summary
Reg.
Add
Reg.
Name
R/W
Descriptions
00h
WLCR
R/W
PW1~PW0 : Power Mode
11=Normal Mode; 00=Off Mode
SR : Software Reset
1=reset all register (except DDRAM); 0=normal operation
CG : Display mode selection
1=Character Mode; 0=Graphic Mode
DP : Display on off control
1=normal display; 0=display off
BK : Full screen blinking control
1=blinking (blink time is set by CBTR); 0=normal;
DV : Full screen inverse control
1=normal; 0=inversed
01h
MISC
R/W
CKN : Clock output Control (not applicable)
1=enable; 0=disable
PLR : Interrupt and Busy Polarity (not applicable)
1=active High; 0=active low
CKB1~CKB0 : Clock Speed Selection
00=3MHz; 01=4MHz; 10=8MHz; 11=12MHz
02h
APSR
R/W
SP1~SP0 : ROM/RAM reading speed
00=speed0; 01=speed1; 10=speed2; 11=speed3
ORA : Font ROM Readable
1=enable; 0=disable
SRFS : Scrolling Reset for Start
1=enable; 0=disable
03h
ADSR
R/W
DADR : Display RAM Order (byte)
1=reverse; 0=normal
AUCM : Common Auto Scrolling
1=enable; 0=disable
AUSG : Segment Auto Scrolling
1=enable; 0=disable
Common or Segment Scrolling Selection
1=Segment Scrolling; 0=Common Scrolling
10h
WCCR
R/W
ARI : Auto-increase Cursor Position (in reading DDRAM operation)
1=enable; 0=disable
ALG : Chinese/English char alignment
1=enable; 0=disable
WDI : Store Current Data to DDRAM
1=directly; 0=invertly
WBC : Set Bold font (char mode only)
1=bold; 0=normal
AIX : Auto-increase Cursor Position (in writing DDRAM operation)
1=enable; 0=disable
CP : Cursor display control
1=on; 0=off
CK : Cursor blink control
1=blinking; 0=no blinking
CSD : Set cursor width
1=auto adjust, 0=fix width
11h
DWLR
R/W
CR3~CR0 : Cursor Height
DY3~DY0 : Line Distance


Podobny numer części - LM2068R-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen TOPWAY Technol...
LM2068R-3 TOPWAY-LM2068R-3 Datasheet
778Kb / 12P
   LCD Module User Manual
LM2068R-3 TOPWAY-LM2068R-3_V01 Datasheet
778Kb / 12P
   LCD Module User Manual
More results

Podobny opis - LM2068R-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com