Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S-19214 Arkusz danych(PDF) 12 Page - ABLIC Inc.

Numer części S-19214
Szczegółowy opis  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABLIC [ABLIC Inc.]
Strona internetowa  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19214 Arkusz danych(HTML) 12 Page - ABLIC Inc.

Back Button S-19214 Datasheet HTML 8Page - ABLIC Inc. S-19214 Datasheet HTML 9Page - ABLIC Inc. S-19214 Datasheet HTML 10Page - ABLIC Inc. S-19214 Datasheet HTML 11Page - ABLIC Inc. S-19214 Datasheet HTML 12Page - ABLIC Inc. S-19214 Datasheet HTML 13Page - ABLIC Inc. S-19214 Datasheet HTML 14Page - ABLIC Inc. S-19214 Datasheet HTML 15Page - ABLIC Inc. S-19214 Datasheet HTML 16Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
S-19214 Series
Rev.1.1_00
12
VOUT
VIN
VSS
+
V
ON / OFF
Set to ON
RL
Figure 9 Test Circuit 5
+
VOUT
VIN
VSS
+
V
A
ON / OFF
Set to OFF
Figure 10 Test Circuit 6


Podobny numer części - S-19214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212B25A-E6T1U ABLIC-S-19212B25A-E6T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E8T1U SII-S-19212B25A-E8T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
More results

Podobny opis - S-19214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com