Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S-19243XXXA Arkusz danych(PDF) 15 Page - ABLIC Inc.

Numer części S-19243XXXA
Szczegółowy opis  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABLIC [ABLIC Inc.]
Strona internetowa  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243XXXA Arkusz danych(HTML) 15 Page - ABLIC Inc.

Back Button S-19243XXXA Datasheet HTML 11Page - ABLIC Inc. S-19243XXXA Datasheet HTML 12Page - ABLIC Inc. S-19243XXXA Datasheet HTML 13Page - ABLIC Inc. S-19243XXXA Datasheet HTML 14Page - ABLIC Inc. S-19243XXXA Datasheet HTML 15Page - ABLIC Inc. S-19243XXXA Datasheet HTML 16Page - ABLIC Inc. S-19243XXXA Datasheet HTML 17Page - ABLIC Inc. S-19243XXXA Datasheet HTML 18Page - ABLIC Inc. S-19243XXXA Datasheet HTML 19Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243xxxA Series
15
Absolute Maximum Ratings
Table 23
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 12
V
VON / OFF
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
VSSC
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
VVADJ
VSS
− 0.3 to VSS + 12
V
Output voltage
VOUT
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
Output current
IOUT
550
mA
Junction temperature
Tj
−40 to +150
°C
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 24
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θJA
TO-252-5S(A)
Board A
86
°C/W
Board B
60
°C/W
Board C
38
°C/W
Board D
31
°C/W
Board E
28
°C/W
HSOP-8A
Board A
104
°C/W
Board B
74
°C/W
Board C
39
°C/W
Board D
37
°C/W
Board E
31
°C/W
HSOP-6
Board A
96
°C/W
Board B
74
°C/W
Board C
°C/W
Board D
44
°C/W
Board E
41
°C/W
SOT-89-5
Board A
119
°C/W
Board B
84
°C/W
Board C
°C/W
Board D
46
°C/W
Board E
35
°C/W
HSNT-8(2030)
Board A
181
°C/W
Board B
135
°C/W
Board C
40
°C/W
Board D
42
°C/W
Board E
32
°C/W
*1.
Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Podobny numer części - S-19243XXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Podobny opis - S-19243XXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com