Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S-19243XXXA Arkusz danych(PDF) 42 Page - ABLIC Inc.

Numer części S-19243XXXA
Szczegółowy opis  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABLIC [ABLIC Inc.]
Strona internetowa  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243XXXA Arkusz danych(HTML) 42 Page - ABLIC Inc.

Back Button S-19243XXXA Datasheet HTML 38Page - ABLIC Inc. S-19243XXXA Datasheet HTML 39Page - ABLIC Inc. S-19243XXXA Datasheet HTML 40Page - ABLIC Inc. S-19243XXXA Datasheet HTML 41Page - ABLIC Inc. S-19243XXXA Datasheet HTML 42Page - ABLIC Inc. S-19243XXXA Datasheet HTML 43Page - ABLIC Inc. S-19243XXXA Datasheet HTML 44Page - ABLIC Inc. S-19243XXXA Datasheet HTML 45Page - ABLIC Inc. S-19243XXXA Datasheet HTML 46Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxA Series
Rev.3.2_00
42
3. Transient response characteristics of ON / OFF pin (Ta =
+25°C) (S-19243xxxA Series A / B / C / D type)
3. 1 VOUT = 1.0 V
VIN = 2.5 V, CIN = CL = 2.2
μF,
IOUT = 100 mA, VON / OFF = 0 V
→ 2.5 V
3. 2 VOUT = 3.0 V
VIN = 4.0 V, CIN = CL = 2.2
μF,
IOUT = 100 mA, VON / OFF = 0 V
→ 4.0 V
t [
s]
2.00
0.00
3.00
1.00
4.00
5.00
1.00
1.0
0.0
1.0
2.0
2.0
3.0
3.0
400
2000
1600
1200
800
400
0
VOUT
VON / OFF
t [
s]
4.00
0.00
6.00
2.00
8.00
10.00
2.00
2.0
0.0
2.0
4.0
4.0
6.0
6.0
400
2000
1600
1200
800
400
0
VOUT
VON / OFF
3. 3 VOUT = 6.0 V
VIN = 7.0 V, CIN = CL = 2.2
μF,
IOUT = 100 mA, VON / OFF = 0 V
→ 7.0 V
t [
s]
8.00
0.00
12.00
4.00
16.00
20.00
4.00
3.0
0.0
3.0
6.0
6.0
9.0
9.0
400
2000
1600
1200
800
400
0
VOUT
VON / OFF
4. Soft-start time vs. Characteristics of operation ambient temperature
VIN = 2.5 V, VON / OFF = 0 V
→ 2.5 V (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = 0 V → VOUT + 1.0 V (1.5 V ≤ VOUT(S)),
CIN = CL = 2.2
μF, CSS = 10 nF
−25 0
150
125
100
75
50
25
−40
0.0
10.0
Ta [
C]
8.0
6.0
4.0
2.0
VOUT = 1.0 V
VOUT = 3.0 V
VOUT = 6.0 V
5. Soft-start time vs. Characteristics of soft-start capacitance (Ta =
+25°C)
VIN = 2.5 V, VON / OFF = 0 V
→ 2.5 V (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = 0 V → VOUT + 1.0 V (1.5 V ≤ VOUT(S)),
CIN = CL = 2.2
μF
CSS [nF]
0.1
1000.0
0.1
100.0
10.0
1.0
100.0
10.0
1.0
VOUT = 1.0 V
VOUT = 6.0 V
VOUT = 3.0 V


Podobny numer części - S-19243XXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Podobny opis - S-19243XXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com