Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S-19243XXXH Arkusz danych(PDF) 45 Page - ABLIC Inc.

Numer części S-19243XXXH
Szczegółowy opis  AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABLIC [ABLIC Inc.]
Strona internetowa  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243XXXH Arkusz danych(HTML) 45 Page - ABLIC Inc.

Back Button S-19243XXXH Datasheet HTML 41Page - ABLIC Inc. S-19243XXXH Datasheet HTML 42Page - ABLIC Inc. S-19243XXXH Datasheet HTML 43Page - ABLIC Inc. S-19243XXXH Datasheet HTML 44Page - ABLIC Inc. S-19243XXXH Datasheet HTML 45Page - ABLIC Inc. S-19243XXXH Datasheet HTML 46Page - ABLIC Inc. S-19243XXXH Datasheet HTML 47Page - ABLIC Inc. S-19243XXXH Datasheet HTML 48Page - ABLIC Inc. S-19243XXXH Datasheet HTML 49Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243xxxH Series
45
Power Dissipation
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
TO-252-5S(A)
E
D
C
B
A
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
HSOP-8A
E
D
C
B
A
Board
Power Dissipation (PD)
Board
Power Dissipation (PD)
A
1.45 W
A
1.20 W
B
2.08 W
B
1.69 W
C
3.29 W
C
3.21 W
D
4.03 W
D
3.38 W
E
4.46 W
E
4.03 W
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
HSOP-6
E
D
B
A
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
C]
Tj =
150C max.
SOT-89-5
E
D
B
A
Board
Power Dissipation (PD)
Board
Power Dissipation (PD)
A
1.30 W
A
1.05 W
B
1.69 W
B
1.49 W
C
C
D
2.84 W
D
2.72 W
E
3.05 W
E
3.57 W


Podobny numer części - S-19243XXXH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Podobny opis - S-19243XXXH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com