Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10216 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10216
Szczegółowy opis  High Speed Triple Line Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10216 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10216 Datasheet HTML 1Page - ON Semiconductor MC10216 Datasheet HTML 2Page - ON Semiconductor MC10216 Datasheet HTML 3Page - ON Semiconductor MC10216 Datasheet HTML 4Page - ON Semiconductor MC10216 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10216
3–199
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin VILAmax
VBB
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
From
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
From
Pin
11
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
11
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin VILAmax
VBB
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
4, 9, 12
5, 10, 13
8
1, 16
Input Current
IinH
4
4
9, 12
5, 10, 13
8
1, 16
ICBO
4
9
9, 12
4, 12
5, 10, 13
5, 10, 13
8, 4
8, 9
1, 16
Output Voltage
Logic 1
VOH
2
3
4
9, 12
9, 12
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
3
9, 12
4
4
9, 12
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
3
9, 12
9, 12
4
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
3
9, 12
9, 12
4
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Reference Voltage
VBB
11
5, 10, 13
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+2+
t4–2–
t4+3–
t4–3+
2
2
3
3
4
4
4
4
2
2
3
3
5, 10, 13
5, 10, 13
5, 10, 13
5, 10, 13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
t3+
2
3
4
4
2
3
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t2–
t3–
2
3
4
4
2
3
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10216

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10216 ONSEMI-MC10216 Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
MC10216FN ONSEMI-MC10216FN Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
MC10216L ONSEMI-MC10216L Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
MC10216P ONSEMI-MC10216P Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
MC10216 ONSEMI-MC10216_02 Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
More results

Podobny opis - MC10216

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10216 ONSEMI-MC10216_02 Datasheet
109Kb / 8P
   High Speed Triple Line Receiver
January, 2002 ??Rev. 7
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com