Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100E016 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC100E016
Szczegółowy opis  8-BIT SYNCHRONOUS BINARY UP COUNTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E016 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC100E016 Datasheet HTML 1Page - ON Semiconductor MC100E016 Datasheet HTML 2Page - ON Semiconductor MC100E016 Datasheet HTML 3Page - ON Semiconductor MC100E016 Datasheet HTML 4Page - ON Semiconductor MC100E016 Datasheet HTML 5Page - ON Semiconductor MC100E016 Datasheet HTML 6Page - ON Semiconductor MC100E016 Datasheet HTML 7Page - ON Semiconductor MC100E016 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E016 MC100E016
2–5
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
Applications Information (continued)
Note that this assumes the trace delay between the TC
outputs and the CE inputs are negligible. If this is not
the case estimates of these delays need to be added to
the calculations.
Programmable Divider
The E016 has been designed with a control pin which
makes it ideal for use as an 8-bit programmable divider. The
TCLD pin (load on terminal count) when asserted reloads the
data present at the parallel input pin (Pn’s) upon reaching
terminal count (an all 1s state on the outputs). Because this
feedback is built internal to the chip, the programmable
division operation will run at very nearly the same frequency
as the maximum counting frequency of the device. Figure 2
below illustrates the input conditions necessary for utilizing the
E016 as a programmable divider set up to divide by 113.
H
L
H
H
L
L
L
H
H
H
H
TC
PE
CE
TCLD
CLK
P7
P6
P4
P3
P2
P1
P0
P5
Q7
Q6
Q4
Q3
Q2
Q1
Q0
Q5
Figure 2. Mod 2 to 256 Programmable Divider
To determine what value to load into the device to
accomplish the desired division, the designer simply subtracts
the binary equivalent of the desired divide ratio from the binary
value for 256. As an example for a divide ratio of 113:
Pn’s = 256 – 113 = 8F16 = 1000 1111
where:
P0 = LSB and P7 = MSB
Forcing this input condition as per the setup in Figure 2 will
result in the waveforms of Figure 3. Note that the TC output is
used as the divide output and the pulse duration is equal to a
Table 1. Preset Values for Various Divide Ratios
Divide
Ratio
Preset Data Inputs
Ratio
P7
P6
P5
P4
P3
P2
P1
P0
2
H
H
H
H
H
H
H
L
3
H
H
H
H
H
H
L
H
4
H
H
H
H
H
H
L
L
5
H
H
H
H
H
L
H
H
112
H
L
L
H
L
L
L
L
113
H
L
L
L
H
H
H
H
114
H
L
L
L
H
H
H
L
254
L
L
L
L
L
L
H
L
255
L
L
L
L
L
L
L
H
256
L
L
L
L
L
L
L
L
full clock period. For even divide ratios, twice the desired
divide ratio can be loaded into the E016 and the TC output can
feed the clock input of a toggle flip flop to create a signal
divided as desired with a 50% duty cycle.
A single E016 can be used to divide by any ratio from 2 to
256 inclusive. If divide ratios of greater than 256 are needed
multiple E016s can be cascaded in a manner similar to that
already discussed. When E016s are cascaded to build larger
dividers the TCLD pin will no longer provide a means for
loading on terminal count. Because one does not want to
reload the counters until all of the devices in the chain have
reached terminal count, external gating of the TC pins must be
used for multiple E016 divider chains.
•••
PE
•••
•••
Clock
TC
Load
DIVIDE BY 113
Load
1001 0000
1001 0001
1111 1100
1111 1101
1111 1110
1111 1111
Figure 3. Divide by 113 E016 Programmable Divider Waveforms


Podobny numer części - MC100E016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E016 ONSEMI-MC100E016 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016 ONSEMI-MC100E016 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016FN ONSEMI-MC100E016FN Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016FN ONSEMI-MC100E016FN Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100E016FNG ONSEMI-MC100E016FNG Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
More results

Podobny opis - MC100E016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
ON Semiconductor
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com