Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E136 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC10E136
Szczegółowy opis  6-BIT UNIVERSAL UP/DOWN COUNTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E136 Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC10E136 Datasheet HTML 1Page - ON Semiconductor MC10E136 Datasheet HTML 2Page - ON Semiconductor MC10E136 Datasheet HTML 3Page - ON Semiconductor MC10E136 Datasheet HTML 4Page - ON Semiconductor MC10E136 Datasheet HTML 5Page - ON Semiconductor MC10E136 Datasheet HTML 6Page - ON Semiconductor MC10E136 Datasheet HTML 7Page - ON Semiconductor MC10E136 Datasheet HTML 8Page - ON Semiconductor MC10E136 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC10E136 MC100E136
2–7
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
Figure 4. Programmable Divider Waveforms
S1
COUT
CLOCK
DIVIDE BY 37
LOAD
000000
000001
000010
000011
100010
100011
100100
• ••
•••
•••
LOAD
The exercise of building a programmable divider then
becomes simply determining what value to load into the
counter to accomplish the desired division. Since the load
operation requires a clock pulse, to divide by N, N–1 must be
loaded into the counter. A single E136 device is capable of
divide ratios of 2 to 64 inclusive, Table 1 outlines the load
values for the various divide ratios. Figure 4 presents the
waveforms resulting from a divide by 37 operation. Note that
the availability of the COUT complimentary output COUT
allows the user to choose the polarity of the divide by output.
For single device programmable counters the E016
counter is probably a better choice than the E136. The E016
has an internal feedback to control the reloading of the
counter, this not only simplifies board design but also will
result in a faster maximum count frequency.
For programmable dividers of larger than 8 bits the
superiority of the E016 diminishes, and in fact for very wide
dividers the E136 will provide the capability of a faster count
frequency. This potential is a result of the cascading features
mentioned previously in this document. Figure 5 shows the
architecture of a 24-bit programmable divider implemented
using E136 counters. Note the need for one external gate to
control the loading of the entire counter chain. An ideal
device for the external gating of this architecture would be the
4-input OR function in the 8-lead SOIC ECLinPS Lite
™ family.
However the final decision as to what device to use for the
external gating requires a balancing of performance needs,
cost and available board space. Note that because of the
need for external gating the maximum count frequency of a
given sized programmable divider will be less than that of a
single cascaded counter.
Figure 5. 24-bit Programmable Divider Architecture
S1
S1
S1
S1
Q0 –> Q5
D0 –> D5
CLK
Q0 –> Q5
D0 –> D5
CLK
Q0 –> Q5
D0 –> D5
CLK
LSB
Q0 –> Q5
D0 –> D5
CLOUT
COUT
CLIN
CIN
CLK
CLOCK
“LO”
“LO”
“LO”
CLOUT
COUT
CLIN
CIN
CLOUT
COUT
CLIN
CIN
MSB
CLOUT
COUT
CLIN
CIN


Podobny numer części - MC10E136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E136FN ONSEMI-MC10E136FN Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FN ONSEMI-MC10E136FN Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FNG ONSEMI-MC10E136FNG Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results

Podobny opis - MC10E136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY10E136 MICREL-SY10E136 Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
SY10E136 MICREL-SY10E136_06 Datasheet
98Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_06 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136_08 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
LSI Computer Systems
LS7055 LSI-LS7055 Datasheet
89Kb / 6P
   6 DECADE PREDETERMINING UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
   4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com