Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP809FA Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EP809FA
Szczegółowy opis  3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP809FA Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EP809FA Datasheet HTML 1Page - ON Semiconductor MC100EP809FA Datasheet HTML 2Page - ON Semiconductor MC100EP809FA Datasheet HTML 3Page - ON Semiconductor MC100EP809FA Datasheet HTML 4Page - ON Semiconductor MC100EP809FA Datasheet HTML 5Page - ON Semiconductor MC100EP809FA Datasheet HTML 6Page - ON Semiconductor MC100EP809FA Datasheet HTML 7Page - ON Semiconductor MC100EP809FA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
August, 2002 – Rev. 5
1
Publication Order Number:
MC100EP809/D
MC100EP809
3.3V1:9 Differential
HSTL/PECL to HSTL Clock
Driver with LVTTL Clock
Select and Enable
The MC100EP809 is a low skew 1–to–9 differential clock driver,
designed with clock distribution in mind, accepting two clock sources into
an input multiplexer. The part is designed for use in low voltage
applications which require a large number of outputs to drive precisely
aligned low skew signals to their destination. The two clock inputs are
differential HSTL or PECL and they are selected by the CLK_SEL pin
which is LVTTL. To avoid generation of a runt clock pulse when the
device is enabled/disabled, the Output Enable (OE), which is LVTTL, is
synchronous ensuring the outputs will only be enabled/disabled when they
are already in LOW state (See Figure 8).
The MC100EP809 guarantees low output–to–output skew. The optimal
design, layout, and processing minimize skew within a device and from lot
to lot. The MC100EP809 output structure uses open emitter architecture
and will be terminated with 50
W to ground instead of a standard HSTL
configuration (See Figure 6). To ensure the tight skew specification is
realized, both sides of the differential output need to be terminated
identically into 50
W even if only one output is being used. If an output pair
is unused, both outputs may be left open (unterminated) without affecting
skew.
Designers can take advantage of the EP809’s performance to
distribute low skew clocks across the backplane of the board. HSTL
clock inputs may be driven single–end by biasing the non–driven pin
in an input pair (see Figure 7).
100 ps Typical Device–to–Device Skew
15 ps Typical Within Device Skew
HSTL Compatible Outputs Drive 50 W to Ground with no Offset
Voltage
Maximum Frequency > 750 MHz
850 ps Typical Propagation Delay
Fully Compatible with Micrel SY89809L
PECL and HSTL Mode Operating Range: V
CCI = 3 V to 3.6 V
with GND = 0 V, VCCO = 1.6 V to 2.0 V
Open Input Default State
32
1
MC100
AWLYYWW
EP809
32–LEAD LQFP
FA SUFFIX
CASE 873A
Device
Package
Shipping
ORDERING INFORMATION
MC100EP809FA
LQFP–32
250 Units/Tray
MC100EP809FAR2
LQFP–32
2000/Tape & Reel
MARKING
DIAGRAM*
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
*For additional information, see Application Note
AND8002/D
http://onsemi.com


Podobny numer części - MC100EP809FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAG ONSEMI-MC100EP809FAG Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAG ONSEMI-MC100EP809FAG Datasheet
112Kb / 10P
   Differentia HSTL/PECL/LVDS to HSTL Clock Driver
April, 2015 ??Rev. 10
MC100EP809FAR2 ONSEMI-MC100EP809FAR2 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAR2G ONSEMI-MC100EP809FAR2G Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
More results

Podobny opis - MC100EP809FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Motorola, Inc
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP809 ONSEMI-MC100EP809_15 Datasheet
112Kb / 10P
   Differentia HSTL/PECL/LVDS to HSTL Clock Driver
April, 2015 ??Rev. 10
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com