Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LNA-40-02002600-31-10P Arkusz danych(PDF) 2 Page - L3Harris Narda-MITEQ

Numer części LNA-40-02002600-31-10P
Szczegółowy opis  LOW NOISE AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  L3HARRIS [L3Harris Narda-MITEQ]
Strona internetowa  https://nardamiteq.com/
Logo L3HARRIS - L3Harris Narda-MITEQ

LNA-40-02002600-31-10P Arkusz danych(HTML) 2 Page - L3Harris Narda-MITEQ

  LNA-40-02002600-31-10P Datasheet HTML 1Page - L3Harris Narda-MITEQ LNA-40-02002600-31-10P Datasheet HTML 2Page - L3Harris Narda-MITEQ LNA-40-02002600-31-10P Datasheet HTML 3Page - L3Harris Narda-MITEQ  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LOW NOISE AMPLIFIER
*Typical data shown below
435 Moreland Road
Hauppauge, NY 11788
Tel : 631-231-1700
Fax: 631-231-1711
Email : componentsnm@L3T.com
www.nardamiteq.com
Narda-MITEQ
LNA-40-02002600-31-10P
0
2
4
6
8
10
12
14
16
2000
6000
10000
14000
18000
22000
26000
Frequency (MHz)
Power Out @ 1dB Compression
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2000
6000
10000
14000
18000
22000
26000
Frequency (MHz)
Noise Figure
1.0
1.5
2.0
2.5
3.0
2000
6000
10000
14000
18000
22000
26000
Frequency (MHz)
Input (Solid) and Output VSWR (Dashed)
43
44
45
46
47
48
49
2000
6000
10000
14000
18000
22000
26000
Frequency (MHz)
S21
Parameter
Standard
Description
Operational temperature
-55 C to +85 C
Storage temperature
-65 C to +125 C
Random Vibration
MIL-STD-883K, Method 2026,
Cond. IB
50 - 2000 Hz, 7.3 Grms
Humidity
MIL-STD-202, Method 103B,
Cond. B
95% RH
Altitude
MIL-STD-883K, Method 1001,
Cond. C
50,000 feet
Environmental Specifications
*Amplifiers are designed to meet the above conditions. If ESS testing is required please contact factory.*


Podobny numer części - LNA-40-02002600-31-10P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
L3Harris Narda-MITEQ
LNA-40-02002600-37-15P L3HARRIS-LNA-40-02002600-37-15P Datasheet
594Kb / 3P
   LOW NOISE AMPLIFIER
More results

Podobny opis - LNA-40-02002600-31-10P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com