Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SNP-HFA Arkusz danych(PDF) 2 Page - Skynet Electronic Copyright

Numer części SNP-HFA
Szczegółowy opis  Medical & ITE General Purpose
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYNET [Skynet Electronic Copyright]
Strona internetowa  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-HFA Arkusz danych(HTML) 2 Page - Skynet Electronic Copyright

  SNP-HFA Datasheet HTML 1Page - Skynet Electronic Copyright SNP-HFA Datasheet HTML 2Page - Skynet Electronic Copyright SNP-HFA Datasheet HTML 3Page - Skynet Electronic Copyright SNP-HFA Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
JAN. 2018
-Jim-
Rated
100W
Max.
130W
Peak
150W
SNP-HFA Series
Medical & ITE
General Purpose
Output Specifications:
Note:
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Output Load:
100W for convection cooling; 130W for forced air cooling.
3. Peak Load Duration:
Peak 150W can last for 5 sec.
4. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
5. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
6. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to that metal sheet.
7. Model Selection:
Most of power supplies will create audible burst sound at light load, if the application wants to meet input power < 0.5W at standby mode.
SNP-HFAx is for ITE & Medical applications which require standby mode.
SNP-HFAx-A is for ITE & Medical applications but without burst sound and no standby mode.
SNP-HFAx-H is for Home Healthcare application, input class II and EMI class B.
8. The safety application will be proceeded upon request.
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVERAGE
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
@ 20% LOAD @ 50% LOAD @ 100% LOAD EFFICIENCY
SNP-HFA7
85%
86%
87%
86%
SNP-HFA7-A
+12V
0A
8.5A 10A 12.5A
+11.8V~+12.2V
80%
83%
83%
82%
SNP-HFA7-H
SNP-HFA8
85%
86%
87%
86%
SNP-HFA8-A
+15V
0A 6.66A
8A 9.4A
+14.8V~+15.2V
77%
83%
83%
81%
SNP-HFA8-H
SNP-HFA9
85%
86%
87%
86%
SNP-HFA9-A
+24V
0A 4.17A 5.42A 6.25A
+23.8V~+24.2V
82%
84%
85%
84%
SNP-HFA9-H
SNP-HFAT
85%
86%
87%
86%
SNP-HFAT-A
+48V
0A
2.1A 2.7A 2.92A
+47.8V~+48.2V
81%
86%
86%
84%
SNP-HFAT-H


Podobny numer części - SNP-HFA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skynet Electronic Copyr...
SNP-HF3 SKYNET-SNP-HF3 Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF37 SKYNET-SNP-HF37 Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF37-A SKYNET-SNP-HF37-A Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF38 SKYNET-SNP-HF38 Datasheet
612Kb / 4P
   Medical & ITE General Purpose
SNP-HF38-A SKYNET-SNP-HF38-A Datasheet
612Kb / 4P
   Medical & ITE General Purpose
More results

Podobny opis - SNP-HFA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skynet Electronic Copyr...
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-G16X-U SKYNET-SNP-G16X-U Datasheet
567Kb / 4P
   Medical & ITE General Purpose
SNP-G20X-U SKYNET-SNP-G20X-U Datasheet
608Kb / 4P
   Medical & ITE General Purpose
SNP-HF6 SKYNET-SNP-HF6 Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
   Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
   Medical & ITE General Purpose
SNP-V12 SKYNET-SNP-V12 Datasheet
587Kb / 4P
   Medical & ITE General Purpose
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
   Medical & ITE General Purpose
SNP-G16 SKYNET-SNP-G16 Datasheet
624Kb / 4P
   Medical & ITE General Purpose
SNP-G20 SKYNET-SNP-G20 Datasheet
634Kb / 4P
   Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
   Medical & ITE General Purpose
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com