Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

THGBMHG6C1LBAIL Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części THGBMHG6C1LBAIL
Szczegółowy opis  TOSHIBA e-MMC Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGBMHG6C1LBAIL Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  THGBMHG6C1LBAIL Datasheet HTML 1Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 2Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 3Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 4Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 5Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 6Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 7Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 8Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
THGBMHG6C1LBAIL
4
Jul. 31th, 2015
Product Architecture
The diagram in Figure 1 illustrates the main functional blocks of the THGBMHG6C1LBAIL.
Specification of the CREG and recommended values of the CVCC, and CVCCQ in the Figure 1 are as follows.
Parameter
Symbol
Unit
Min.
Typ.
Max.
Remark
VDDi capacitor value
CREG
μF
0.10
-
2.2*
Except HS400
μF
1.00
-
2.2*
HS400
VCC capacitor value
CVCC
μF
-
2.2 + 0.1
-
VCCQ capacitor value
CVCCQ
μF
-
2.2 + 0.1
-
* Toshiba recommends that the value should be usually applied as the value of CREG.
Figure 1
THGBMHG6C1LBAIL Block Diagram
VccQ(1.8V/3.3V)
Vcc(3.3V)
MMC I/F(1.8V/3.3V)
Package
CREG
x11
CORE LOGIC
VDDi
CVCC
CVCCQ
NAND I/O
NAND
NAND
Control signal
REGULATOR


Podobny numer części - THGBMHG6C1LBAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
316Kb / 2P
   Cost Effective Mass Storage
More results

Podobny opis - THGBMHG6C1LBAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
   e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
   e-MMC Module
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Toshiba Semiconductor
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
   TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
   TOSHIBA POWER MODULE
logo
Transcend Information. ...
TS128MRMMC TRANSCEND-TS128MRMMC Datasheet
202Kb / 7P
   RS-MMC
logo
Toshiba Semiconductor
MP4015Q TOSHIBA-MP4015Q Datasheet
160Kb / 4P
   TOSHIBA Power Transistor Module
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
   TOSHIBA Power Transistor Module
MIG10J503 TOSHIBA-MIG10J503 Datasheet
112Kb / 9P
   TOSHIBA INTELLIGENT POWER MODULE
MIG15J503H TOSHIBA-MIG15J503H Datasheet
103Kb / 11P
   TOSHIBA INTELLIGENT POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com