Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

THGBMHG6C1LBAIL Arkusz danych(PDF) 14 Page - Toshiba Semiconductor

Numer części THGBMHG6C1LBAIL
Szczegółowy opis  TOSHIBA e-MMC Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGBMHG6C1LBAIL Arkusz danych(HTML) 14 Page - Toshiba Semiconductor

Back Button THGBMHG6C1LBAIL Datasheet HTML 10Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 11Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 12Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 13Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 14Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 15Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 16Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 17Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
THGBMHG6C1LBAIL
14
Jul. 31th, 2015
ELECTRICAL CHARACTERISTICS
DC Characteristics
Absolute Maximum Ratings
The absolute maximum ratings of a semiconductor device are a set of specified parameter values, which must
not be exceeded during operation, even for an instant.
If any of these rating would be exceeded during operation, the device electrical characteristics may be irreparably
altered and the reliability and lifetime of the device can no longer be guaranteed. Moreover, these operations with
exceeded ratings may cause break down, damage, and/or degradation to any other equipment. Applications using
the device should be designed such that each maximum rating will never be exceeded in any operating conditions.
Before using, creating, and/or producing designs, refer to and comply with the precautions and conditions set forth
in this document.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Supply voltage 1
VCC
-0.5
4.1
V
Supply voltage 2
VccQ
-0.5
4.1
V
Voltage Input
VIO
-0.5
VccQ+0.5(
4.1)
V
General
Parameter
Symbol
Test Conditions
Min
Max
Unit
Peak voltage on all lines
-0.5
VccQ+0.5
V
All Inputs
Input Leakage Current (before initialization sequence1
and/or the internal pull up resistors connected)
-100
100
μA
Input Leakage Current (after initialization sequence and
the internal pull up resistors disconnected)
-2
2
μA
All Outputs
Output Leakage Current (before initialization sequence)
-100
100
μA
Output Leakage Current (after initialization sequence)
-2
2
μA
1) Initialization sequence is defined in Power-Up chapter of JEDEC/MMCA Standard
Power Supply Voltage
Parameter
Symbol
Test Conditions
Min
Max
Unit
Supply voltage 1
VCC
2.7
3.6
V
Supply voltage 2
VccQ
1.7
1.95
V
2.7
3.6
V
1) Once the power supply VCC or VCCQ falls below the minimum guaranteed voltage (for example, upon sudden power fail),
the voltage level of VCC or VCCQ shall be kept less than 0.5 V for at least 1ms before it goes beyond 0.5 V again.


Podobny numer części - THGBMHG6C1LBAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
316Kb / 2P
   Cost Effective Mass Storage
More results

Podobny opis - THGBMHG6C1LBAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
   e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
   e-MMC Module
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Toshiba Semiconductor
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
   TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
   TOSHIBA POWER MODULE
logo
Transcend Information. ...
TS128MRMMC TRANSCEND-TS128MRMMC Datasheet
202Kb / 7P
   RS-MMC
logo
Toshiba Semiconductor
MP4015Q TOSHIBA-MP4015Q Datasheet
160Kb / 4P
   TOSHIBA Power Transistor Module
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
   TOSHIBA Power Transistor Module
MIG10J503 TOSHIBA-MIG10J503 Datasheet
112Kb / 9P
   TOSHIBA INTELLIGENT POWER MODULE
MIG15J503H TOSHIBA-MIG15J503H Datasheet
103Kb / 11P
   TOSHIBA INTELLIGENT POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com