Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

THGBMHG6C1LBAIL Arkusz danych(PDF) 16 Page - Toshiba Semiconductor

Numer części THGBMHG6C1LBAIL
Szczegółowy opis  TOSHIBA e-MMC Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGBMHG6C1LBAIL Arkusz danych(HTML) 16 Page - Toshiba Semiconductor

Back Button THGBMHG6C1LBAIL Datasheet HTML 12Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 13Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 14Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 15Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 16Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 17Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 18Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 19Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
THGBMHG6C1LBAIL
16
Jul. 31th, 2015
Internal resistance and Device capacitance
Parameter
Symbol
Test Conditions
Min
Max
Unit
Single device capacitance
CDEVICE
6
pF
Internal pull up resistance DAT1
– DAT7
RINT
10
150
Bus Signal Levels
Open-Drain Mode Bus Signal Level
Parameter
Symbol
Min
Max
Unit
Conditions
Output HIGH voltage
VOH
VCCQ - 0.2
V
NOTE 1
Output LOW voltage
VOL
0.3
V
IOL = 2 mA
NOTE 1: Because VOH depends on external resistance value (including outside the package), this value does not apply as device
specification. Host is responsible to choose the external pull-up and open drain resistance value to meet VOH Min value.
Push-Pull Mode Bus Signal Level (High-Voltage)
Parameter
Symbol
Min
Max
Unit
Conditions
Output HIGH voltage
VOH
0.75 * VCCQ
V
IOH = -
100 μA @ VCCQ min
Output LOW voltage
VOL
0.125 * VCCQ
V
IOL = 100 μA @ VCCQ min
Input HIGH voltage
VIH
0.625 * VCCQ
VCCQ + 0.3
V
Input LOW voltage
VIL
VSS - 0.3
0.25 * VCCQ
V
Push-Pull Mode Bus Signal Level (Dual-Voltage)
Parameter
Symbol
Min
Max
Unit
Conditions
Output HIGH voltage
VOH
VCCQ - 0.45
V
IOH = -2mA
Output LOW voltage
VOL
0.45
V
IOL = 2mA
Input HIGH voltage
VIH
0.65 * VCCQ
VCCQ + 0.3
V
Input LOW voltage
VIL
VSS - 0.3
0.35 * VCCQ
V


Podobny numer części - THGBMHG6C1LBAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
316Kb / 2P
   Cost Effective Mass Storage
More results

Podobny opis - THGBMHG6C1LBAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
   e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
   e-MMC Module
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Toshiba Semiconductor
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
   TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
   TOSHIBA POWER MODULE
logo
Transcend Information. ...
TS128MRMMC TRANSCEND-TS128MRMMC Datasheet
202Kb / 7P
   RS-MMC
logo
Toshiba Semiconductor
MP4015Q TOSHIBA-MP4015Q Datasheet
160Kb / 4P
   TOSHIBA Power Transistor Module
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
   TOSHIBA Power Transistor Module
MIG10J503 TOSHIBA-MIG10J503 Datasheet
112Kb / 9P
   TOSHIBA INTELLIGENT POWER MODULE
MIG15J503H TOSHIBA-MIG15J503H Datasheet
103Kb / 11P
   TOSHIBA INTELLIGENT POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com