Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TWR-LS1021A Arkusz danych(PDF) 41 Page - Freescale Semiconductor, Inc

Numer części TWR-LS1021A
Szczegółowy opis  TWR-LS1021A Reference Manual
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TWR-LS1021A Arkusz danych(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button TWR-LS1021A Datasheet HTML 37Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 38Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 39Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 40Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 41Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 42Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 43Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 44Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-26
Freescale Semiconductor
2.20
JTAG port
The COP/JTAG architecture is shown in Figure 2-20.
Figure 2-20. JTAG/COP connections
JTAG commands are accepted from the standard COP/JTAG/CCS header and are sent to LS1021A. JTAG
could be accessed by external emulator or MBED.
JTAG RST connect to CPLD to generate PORESET signals only at power up.
2.21
GPIO pins
The LS1021A has no dedicated GPIO pins; instead, GPIO functions are multiplexed internally on other
signals, which must be disabled before using the GPIO functions. Because GPIO is not needed for board
operation, GPIO evaluation is strictly limited to validation purposes.
In an addition, to remain those GPIO pins primary function, CPLD registers will offer GPIO pin functions
for TWR modules control.
Table 2-18. GPIO mapping
DUT Primary
Function
DUT GPIO
Function
Notes
GPIO
GPIO_3[13]
Connect to TWR-ELEV pin A10.
GPIO
GPIO_3[14]
Connect to TWR-ELEV pin B23.
ASLEEP, RTC, etc
GPIO_1[13:26]
Required for non-GPIO function


Podobny numer części - TWR-LS1021A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TWR-016N ETC1-TWR-016N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
TWR-026N ETC1-TWR-026N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Murata Manufacturing Co...
TWR-22W MURATA-TWR-22W Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D12-C MURATA-TWR-3.3/4-12/300-D12-C Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D24-C MURATA-TWR-3.3/4-12/300-D24-C Datasheet
222Kb / 9P
   Isolated, High Reliability
More results

Podobny opis - TWR-LS1021A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com